Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3131D2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3131D2
Description  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2 Datasheet(HTML) 1 Page - Texas Instruments

  TPA3131D2 Datasheet HTML 1Page - Texas Instruments TPA3131D2 Datasheet HTML 2Page - Texas Instruments TPA3131D2 Datasheet HTML 3Page - Texas Instruments TPA3131D2 Datasheet HTML 4Page - Texas Instruments TPA3131D2 Datasheet HTML 5Page - Texas Instruments TPA3131D2 Datasheet HTML 6Page - Texas Instruments TPA3131D2 Datasheet HTML 7Page - Texas Instruments TPA3131D2 Datasheet HTML 8Page - Texas Instruments TPA3131D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LC Filter
LC Filter
Left
Right
4.5V-26V
PSU
Audio Source
Left
Right
Audio Processor
And control
TPA3131D2
TPA3132D2
AM/FM Avoidance
Control
FAULTZ
SDZ
MUTE
Sync
Capable of synchronizing to other devices
GAIN / SLV
GAIN control and Master/Slave setting
AM2,1,0
PLIMIT
Power Limit
PBTL
Detect
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA3131D2, TPA3132D2
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
1 Features
2 Applications
1
Supports Multiple Output Configurations
Laptop Computers and Ultrabooks
Flatpanel TV
2 × 4 W into a 8-
Ω BTL Load at 7.4 V
(TPA3131D2)
Consumer Audio Applications
2 × 25 W into a 8-
Ω BTL Load at 19 V
3 Description
(TPA3132D2)
The TPA313xD2 are efficient, stereo digital amplifier
Wide Voltage Range: 4.5 V to 26 V
power stages for driving speakers with up to
Automotive Load-Dump Compliant
2x42W/4
Ω peak power. TPA3131/32D2 operates
Efficient Class-D Operation
heatsink-free with cooling to PCB through the bottom
side PowerPAD™ with sustained output power from 2
>90% Power Efficiency Combined With Low
× 4 W / 8
Ω (TPA3131D2) to 2 × 25 W / 8 Ω
Idle Loss for Heat Sink free Operation
(TPA3132D2).
Advanced Modulation Schemes
The
TPA313xD2
advanced
oscillator/PLL
circuit
Multiple Switching Frequencies
employs a multiple switching frequency option to
AM Avoidance
avoid AM interferences; this is achieved together with
Master and Slave Synchronization
an option of Master and Slave synchronization,
making it possible to synchronize multiple devices.
Up to 1.2-MHz Switching Frequency
Feedback Power Stage Architecture With High
The TPA313xD2 are fully protected against faults with
PSRR Reduces PSU Requirements
short-circuit protection and thermal protection as well
as overvoltage, undervoltage, and DC protection.
Programmable Power Limit
Faults are reported back to the processor to prevent
Differential and Single-Ended Inputs
devices
from
being
damaged
during
overload
Stereo and Mono Mode With Single-Filter Mono
conditions.
Configuration
For feature compatible devices see: PowerPAD up
Single Power Supply Reduces Component Count
device 2 × 50-W TPA3116D2, PowerPAD down 2 ×
Integrated Self-Protection Circuits Including
15-W TPA3130D2 and 2 × 30-W TPA3118D2.
Overvoltage, Undervoltage, Overtemperature, DC-
Device Information(1)
Detect, and Short Circuit With Error Reporting
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Thermally Enhanced Package
TPA3131D2
32-Pin VQFN Pad-Down
VQFN (32)
5.00 mm × 5.00 mm
TPA3132D2
–40°C to 85°C Ambient Temperature Range
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Similar Description - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com