Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3131D2 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3131D2
Description  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPA3131D2 Datasheet HTML 19Page - Texas Instruments TPA3131D2 Datasheet HTML 20Page - Texas Instruments TPA3131D2 Datasheet HTML 21Page - Texas Instruments TPA3131D2 Datasheet HTML 22Page - Texas Instruments TPA3131D2 Datasheet HTML 23Page - Texas Instruments TPA3131D2 Datasheet HTML 24Page - Texas Instruments TPA3131D2 Datasheet HTML 25Page - Texas Instruments TPA3131D2 Datasheet HTML 26Page - Texas Instruments TPA3131D2 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
TPA3131D2, TPA3132D2
www.ti.com
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
9 Power Supply Recommendations
The power supply requirements for the TPA313xD2 device consist of one higher-voltage supply to power the
output stage of the speaker amplifier. Several on-chip regulators are included on the TPA3116D2 device to
generate the voltages necessary for the internal circuitry of the audio path. It is important to note that the voltage
regulators which have been integrated are sized only to provide the current necessary to power the internal
circuitry. The external pins are provided only as a connection point for off-chip bypass capacitors to filter the
supply. Connecting external circuitry to these regulator outputs may result in reduced performance and damage
to the device. The high voltage supply, between 4.5 V and 26 V, supplies the analog circuitry (AVCC) and the
power stage (PVCC). The AVCC supply feeds internal LDO including GVDD. This LDO output are connected to
external pins for filtering purposes, but should not be connected to external circuits. GVDD LDO output have
been sized to provide current necessary for internal functions but not for external loading.
10 Layout
10.1 Layout Guidelines
The TPA313xD2 can be used with a small, inexpensive ferrite bead output filter for most applications. However,
since the class-D switching edges are fast, it is necessary to take care when planning the layout of the printed
circuit board. The following suggestions will help to meet EMC requirements.
Decoupling capacitors — The high-frequency decoupling capacitors should be placed as close to the PVCC
and AVCC terminals as possible. Large (100
μF or greater) bulk power supply decoupling capacitors should
be placed near the TPA313xD2 on the PVCC supplies. Local, high-frequency bypass capacitors should be
placed as close to the PVCC pins as possible. These caps can be connected to the IC GND pad directly for
an excellent ground connection. Consider adding a small, good quality low ESR ceramic capacitor between
220 pF and 1 nF and a larger mid-frequency cap of value between 100 nF and 1 µF also of good quality to
the PVCC connections at each end of the chip.
Keep the current loop from each of the outputs through the ferrite bead and the small filter cap and back to
GND as small and tight as possible. The size of this current loop determines its effectiveness as an antenna.
Grounding — The PVCC decoupling capacitors should connect to GND. All ground should be connected at
the IC GND, which should be used as a central ground connection or star ground for the TPA313xD2.
Output filter — The ferrite EMI filter (see Figure 27) should be placed as close to the output terminals as
possible for the best EMI performance. The LC filter should be placed close to the outputs. The capacitors
used in both the ferrite and LC filters should be grounded.
For an example layout, see the TPA313xD2 Evaluation Module (TPA313xD2EVM) User Manual. Both the EVM
user manual and the thermal pad application report are available on the TI Web site at http://www.ti.com.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TPA3131D2 TPA3132D2


Similar Part No. - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Similar Description - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com