Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3131D2 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3131D2
Description  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPA3131D2 Datasheet HTML 18Page - Texas Instruments TPA3131D2 Datasheet HTML 19Page - Texas Instruments TPA3131D2 Datasheet HTML 20Page - Texas Instruments TPA3131D2 Datasheet HTML 21Page - Texas Instruments TPA3131D2 Datasheet HTML 22Page - Texas Instruments TPA3131D2 Datasheet HTML 23Page - Texas Instruments TPA3131D2 Datasheet HTML 24Page - Texas Instruments TPA3131D2 Datasheet HTML 25Page - Texas Instruments TPA3131D2 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Power per Channel (W)
RL = 4 Ω
RL = 8 Ω
Gain = 26 dB
PVCC = 7.4 V
TA = 25 °C
f = 1 kHz
G003
0.001
0.01
0.1
1
10
0.01
0.1
1
10
50
Output Power per Channel (W)
RL = 4 Ω
RL = 8 Ω
Gain = 26 dB
PVCC = 19 V
TA = 25 °C
f = 1 kHz
G007
TPA3131D2, TPA3132D2
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
www.ti.com
8.2.2 Detailed Design Procedure
The TPA31xxD2 is a very flexible and easy to use Class D amplifier; therefore the design process is
straightforward. Before beginning the design, gather the following information regarding the audio system.
PVCC rail planned for the design
Speaker or load impedance
Maximum output power requirement
Desired PWM frequency
8.2.2.1 Select the PWM Frequency
Set the PWM frequency by using AM0, AM1 and AM2 pins.
8.2.2.2 Select the Amplifier Gain and Master/Slave Mode
In order to select the amplifier gain setting, the designer must determine the maximum power target and the
speaker impedance. Once these parameters have been determined, calculate the required output voltage swing
which delivers the maximum output power.
Choose the lowest analog gain setting that corresponds to produce an output voltage swing greater than the
required output swing for maximum power. The analog gain and master/slave mode can be set by selecting the
voltage divider resistors (R1 and R2) on the Gain/SLV pin.
8.2.2.3 Select Input Capacitance
Select the bulk capacitors at the PVCC inputs for proper voltage margin and adequate capacitance to support the
power requirements. In practice, with a well-designed power supply, two 100-
μF, 50-V capacitors should be
sufficient. One capacitor should be placed near the PVCC inputs at each side of the device. PVCC capacitors
should be a low ESR type because they are being used in a high-speed switching application.
8.2.2.4 Select Decoupling Capacitors
Good quality decoupling capacitors need to be added at each of the PVCC inputs to provide good reliability,
good audio performance, and to meet regulatory requirements. X5R or better ratings should be used in this
application. Consider temperature, ripple current, and voltage overshoots when selecting decoupling capacitors.
Also, these decoupling capacitors should be located near the PVCC and GND connections to the device in order
to minimize series inductances.
8.2.2.5 Select Bootstrap Capacitors
Each of the outputs require bootstrap capacitors to provide gate drive for the high-side output FETs. For this
design, use 0.22-
μF, 25-V capacitors of X5R quality or better.
8.2.3 Application Curves
Figure 30. Total Harmonic Distortion + Noise (BTL) vs
Figure 31. Total Harmonic Distortion + Noise (BTL) vs
Output Power
Output Power
22
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPA3131D2 TPA3132D2


Similar Part No. - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Similar Description - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com