Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3131D2 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3131D2
Description  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA3131D2 Datasheet HTML 17Page - Texas Instruments TPA3131D2 Datasheet HTML 18Page - Texas Instruments TPA3131D2 Datasheet HTML 19Page - Texas Instruments TPA3131D2 Datasheet HTML 20Page - Texas Instruments TPA3131D2 Datasheet HTML 21Page - Texas Instruments TPA3131D2 Datasheet HTML 22Page - Texas Instruments TPA3131D2 Datasheet HTML 23Page - Texas Instruments TPA3131D2 Datasheet HTML 24Page - Texas Instruments TPA3131D2 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
TPA3131D2
TPA3132D2
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
GAIN/SLV
GVDD
INPL
INNL
MUTE
GND
PLIMIT
AM2
BSNR
OUTNR
BSNL
GND
OUTNL
GND
GND
GND
220nF
220nF
220nF
220nF
1nF
220µF
100nF
1nF
220µF
100nF
680nF
680nF
10µH
10µH
10nF
10nF
3.3R
3.3R
1nF
1nF
GND
680nF
680nF
10µH
10µH
10nF
10nF
3.3R
3.3R
1nF
1nF
GND
GND
GND
GND
GND
GND
GND
GND
3.3R
1µF
1µF
1µF
1µF
GND
20k
100k
1µF
100k
OUTPUT FILTER
EMI R-C SNUBBER
10nF
GND
PVCC
FAULTZ
IN_P_RIGHT
IN_N_RIGHT
IN_N_LEFT
IN_P_LEFT
MUTE
PVCC
PVCC
PVCC DECOUPLING
PVCC DECOUPLING
RP2
RP1
TPA3131D2
PVCC
RP1
RP1
TPA3132D2
7.4V
75k3
27k3
19V
56k3
39k3
TPA3131D2, TPA3132D2
www.ti.com
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
This section describes a typical stereo speaker application with differential inputs. The amplifier gain is set to
26 dB and the output PWM is set to 400 kHz.
8.2 Typical Application
Figure 29. Typical Application Schematic
8.2.1 Design Requirements
DESIGN PARAMETERS
EXAMPLE VALUE
Input voltage range PVCC
4.5 V to 26 V
PWM output frequencies
400 kHz, 500 kHz, 600 kHz, 1 MHz or 1.2 MHz
Maximum output power
25 Wx2 (TPA3132D2) or 4 Wx2 (TPA3131D2)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPA3131D2 TPA3132D2


Similar Part No. - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Similar Description - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com