Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3131D2 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3131D2
Description  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA3131D2 Datasheet HTML 15Page - Texas Instruments TPA3131D2 Datasheet HTML 16Page - Texas Instruments TPA3131D2 Datasheet HTML 17Page - Texas Instruments TPA3131D2 Datasheet HTML 18Page - Texas Instruments TPA3131D2 Datasheet HTML 19Page - Texas Instruments TPA3131D2 Datasheet HTML 20Page - Texas Instruments TPA3131D2 Datasheet HTML 21Page - Texas Instruments TPA3131D2 Datasheet HTML 22Page - Texas Instruments TPA3131D2 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
OUTP
OUTN
10 µH
L1
10 µH
L2
C2
C3
0.68 µF
0.68 µF
OUTP
OUTN
Ferrite
Chip Bead
1 nF
1 nF
Ferrite
Chip Bead
4
- 8
W
W
4
- 8
W
W
TPA3131D2, TPA3132D2
www.ti.com
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
Figure 27. Output Filter Configurations
7.3.15 AM Avoidance EMI Reduction
To reduce interference in the AM radio band, the TPA313xD2 has the ability to change the switching frequency
via AM<2:0> pins. The recommended frequencies are listed in Table 6. The fundamental frequency and its
second harmonic straddle the AM radio band listed. This eliminates the tones that can be present due to the
switching frequency being demodulated by the AM radio.
Table 6. AM Frequencies
US
EUROPEAN
AM FREQUENCY (kHz)
AM FREQUENCY (kHz)
SWITCHING FREQUENCY (kHz)
AM2
AM1
AM0
522-540
540-917
540-914
500
0
0
1
0
1
0
917-1125
914-1122
600 (or 400)
0
0
0
1125-1375
1122-1373
500
0
0
1
0
1
0
1375-1547
1373-1548
600 (or 400)
0
0
0
0
1
0
1547-1700
1548-1701
600 (or 500)
0
0
1
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPA3131D2 TPA3132D2


Similar Part No. - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Similar Description - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com