Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3131D2 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3131D2
Description  25-W Filter-Free Class-D Stereo Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPA3131D2 Datasheet HTML 13Page - Texas Instruments TPA3131D2 Datasheet HTML 14Page - Texas Instruments TPA3131D2 Datasheet HTML 15Page - Texas Instruments TPA3131D2 Datasheet HTML 16Page - Texas Instruments TPA3131D2 Datasheet HTML 17Page - Texas Instruments TPA3131D2 Datasheet HTML 18Page - Texas Instruments TPA3131D2 Datasheet HTML 19Page - Texas Instruments TPA3131D2 Datasheet HTML 20Page - Texas Instruments TPA3131D2 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
TPA3131D2, TPA3132D2
www.ti.com
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
7.3.12 Efficiency: LC Filter Required with the Traditional Class-D Modulation Scheme
The main reason that the traditional class-D amplifier-based on AD modulation needs an output filter is that the
switching waveform results in maximum current flow. This causes more loss in the load, which causes lower
efficiency. The ripple current is large for the traditional modulation scheme, because the ripple current is
proportional to voltage multiplied by the time at that voltage. The differential voltage swing is 2 × VCC, and the
time at each voltage is half the period for the traditional modulation scheme. An ideal LC filter is needed to store
the ripple current from each half cycle for the next half cycle, while any resistance causes power dissipation. The
speaker is both resistive and reactive, whereas an LC filter is almost purely reactive.
The TPA313xD2 modulation scheme has little loss in the load without a filter because the pulses are short and
the change in voltage is VCC instead of 2 × VCC. As the output power increases, the pulses widen, making the
ripple current larger. Ripple current could be filtered with an LC filter for increased efficiency, but for most
applications the filter is not needed.
An LC filter with a cutoff frequency less than the class-D switching frequency allows the switching current to flow
through the filter instead of the load. The filter has less resistance but higher impedance at the switching
frequency than the speaker, which results in less power dissipation, therefore increasing efficiency.
7.3.13 Ferrite Bead Filter Considerations
Using the Advanced Emissions Suppression Technology in the TPA313xD2 amplifier it is possible to design a
high efficiency class-D audio amplifier while minimizing interference to surrounding circuits. It is also possible to
accomplish this with only a low-cost ferrite bead filter. In this case it is necessary to carefully select the ferrite
bead used in the filter. One important aspect of the ferrite bead selection is the type of material used in the ferrite
bead. Not all ferrite material is alike, so it is important to select a material that is effective in the 10 to 100 MHz
range which is key to the operation of the class-D amplifier. Many of the specifications regulating consumer
electronics have emissions limits as low as 30 MHz. It is important to use the ferrite bead filter to block radiation
in the 30 MHz and above range from appearing on the speaker wires and the power supply lines which are good
antennas for these signals. The impedance of the ferrite bead can be used along with a small capacitor with a
value in the range of 1000 pF to reduce the frequency spectrum of the signal to an acceptable level. For best
performance, the resonant frequency of the ferrite bead/ capacitor filter should be less than 10 MHz.
Also, it is important that the ferrite bead is large enough to maintain its impedance at the peak currents expected
for the amplifier. Some ferrite bead manufacturers specify the bead impedance at a variety of current levels. In
this case it is possible to make sure the ferrite bead maintains an adequate amount of impedance at the peak
current the amplifier will see. If these specifications are not available, it is also possible to estimate the bead
current handling capability by measuring the resonant frequency of the filter output at low power and at maximum
power. A change of resonant frequency of less than fifty percent under this condition is desirable. Examples of
ferrite beads which have been tested and work well with the TPA3130D2 can be seen in the TPA3130D2EVM
user guide SLOU341.
A high quality ceramic capacitor is also needed for the ferrite bead filter. A low ESR capacitor with good
temperature and voltage characteristics will work best.
Additional EMC improvements may be obtained by adding snubber networks from each of the class-D outputs to
ground. Suggested values for a simple RC series snubber network would be 18
Ω in series with a 330 pF
capacitor although design of the snubber network is specific to every application and must be designed taking
into account the parasitic reactance of the printed circuit board as well as the audio amp. Take care to evaluate
the stress on the component in the snubber network especially if the amp is running at high PVCC. Also, make
sure the layout of the snubber network is tight and returns directly to the GND pins on the IC.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPA3131D2 TPA3132D2


Similar Part No. - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Similar Description - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com