Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2-Q1
Description  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPA3118D2-Q1 Datasheet HTML 11Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 12Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 13Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 14Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 15Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 16Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 17Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 18Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
MODSEL
SD
FAULT
INPR
INNR
PLIMIT
GVDD
GAIN/SLV
GND
INPL
INNL
MUTE
AM2
AM1
AM0
SYNC
PVCC
PVCC
BSPR
OUTPR
GND
OUTNR
BSNR
GND
BSPL
OUTPL
GND
OUTNL
BSNL
PVCC
PVCC
AVCC
GVDD
GVDD
GVDD
MUTE
100K
TPA3116D2-Q1
FAULT
SD
100K
1uF
100K
100K
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
24
TPA3116D2-Q1, TPA3118D2-Q1
www.ti.com
SLOS862A – JULY 2015 – REVISED AUGUST 2015
Figure 15. MUTE Driven by Inverted FAULT
7.3.11 Thermal Protection
Thermal protection on the TPA311xD2-Q1 family prevents damage to the device when the internal die
temperature exceeds 150°C. There is a ±15°C tolerance on this trip point from device to device. Once the die
temperature exceeds the thermal trip point, the device enters the shutdown state and the outputs are disabled.
This is a latched fault.
Thermal protection faults are reported on the FAULT pin as a low state.
If automatic recovery from the thermal protection latch is desired, connect the FAULT pin directly to the SD pin.
This allows the FAULT pin function to automatically drive the SD pin low, which clears the thermal protection
latch.
7.3.12 TPA311xD2-Q1 Modulation Scheme
The TPA311xD2-Q1 family has the option of running in either BD modulation or 1SPW modulation; this is set by
the MODSEL pin.
7.3.12.1 MODSEL = GND: BD Modulation
Each output is switching from 0 volts to the supply voltage. The OUTPx and OUTNx are in phase with each other
with no input so that there is little or no current in the speaker. The duty cycle of OUTPx is greater than 50% and
OUTNx is less than 50% for positive output voltages. The duty cycle of OUTPx is less than 50% and OUTNx is
greater than 50% for negative output voltages. The voltage across the load sits at 0 V throughout most of the
switching period, reducing the switching current, which reduces any I2R losses in the load.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Similar Part No. - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com