Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2-Q1
Description  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA3118D2-Q1 Datasheet HTML 10Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 11Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 12Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 13Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 14Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 15Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 16Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 17Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
TPA3116D2-Q1, TPA3118D2-Q1
SLOS862A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
7.3.9 DC-Detect Protection
The TPA311xD2-Q1 family has circuitry which protects the speakers from dc current, which might occur due to
defective capacitors on the input or shorts on the printed circuit board at the inputs. A dc-detect fault is reported
on the FAULT pin as a low state. The dc-detect fault also causes the amplifier to shut down by changing the
state of the outputs to Hi-Z.
If automatic recovery from the short-circuit protection latch is desired, connect the FAULT pin directly to the SD
pin. This allows the FAULT pin function to automatically drive the SD pin low which clears the dc-detect
protection latch.
A dc-detect fault is issued when the output differential duty-cycle of either channel exceeds 60% for more than
420 ms at the same polarity. For several values of the supply voltage, Table 6 shows some examples of the
typical output offset voltages that trigger dc-detect protection. This feature protects the speaker from large dc
currents or ac currents less than 2 Hz. To avoid nuisance faults due to the dc-detect circuit, hold the SD pin low
at power up until the signals at the inputs are stable. Also, take care to match the impedance seen at the positive
and negative inputs to avoid nuisance dc-detect faults.
Table 6 lists the minimum output offset voltages required to trigger the dc detect. The outputs must remain at or
above the voltage listed in the table for more than 420 ms to trigger the dc detect.
Table 6. DC Detect Threshold
V(PVCC) (V)
VOS - OUTPUT OFFSET VOLTAGE (V)
4.5
0.96
6
1.3
12
2.6
18
3.9
7.3.10 Short-Circuit Protection and Automatic Recovery Feature
The TPA311xD2-Q1 family has protection from overcurrent conditions caused by a short circuit on the output
stage. The short-circuit protection fault is reported on the FAULT pin as a low state. The amplifier outputs are
switched to a high-impedance state when the short-circuit protection latch is engaged. The latch can be cleared
by cycling the SD pin through the low state.
If automatic recovery from the short-circuit protection latch is desired, connect the FAULT pin directly to the SD
pin. This allows the FAULT pin function to automatically drive the SD pin low, which clears the short-circuit
protection latch.
In systems where a possibility of a permanent short from the output to PVDD or to a high-voltage battery like a
car battery can occur, pull the MUTE pin low with the FAULT signal and an inverting transistor to ensure a high-Z
restart, as shown in Figure 15.
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Similar Part No. - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com