Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2-Q1
Description  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3118D2-Q1 Datasheet HTML 9Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 10Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 11Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 12Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 13Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 14Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 15Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 16Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TPA3116D2-Q1, TPA3118D2-Q1
www.ti.com
SLOS862A – JULY 2015 – REVISED AUGUST 2015
Table 4. Power Limit Example
PVCC (V)
PLIMIT VOLTAGE (V)(1)
R to GND
R to GVDD
OUTPUT VOLTAGE (Vrms)
24 V
GVDD
Short
Open
17.9
24 V
3.3
45 k
Ω
51 k
Ω
12.67
24 V
2.25
24 k
Ω
51 k
Ω
9
12 V
GVDD
Short
Open
10.33
12 V
2.25
24 k
Ω
51 k
Ω
9
12 V
1.5
18 k
Ω
68 k
Ω
6.3
(1)
PLIMIT measurements taken with EVM gain set to 26 dB and input voltage set to 1 Vrms.
7.3.5 GVDD Supply
The GVDD supply is used to power the gates of the output full-bridge transistors. The GVDD supply can also be
used to supply the PLIMIT and GAIN/SLV voltage dividers. Decouple GVDD with an X5R ceramic 1-µF capacitor
to GND. The GVDD supply is not intended to be used for external supply. It is recommended to limit the current
consumption by using resistor voltage dividers of 100 k
Ω or more for GAIN/SLV and PLIMIT.
7.3.6 BSPx and BSNx Capacitors
The full H-bridge output stages use only NMOS transistors. Therefore, to turn on correctly they require bootstrap
capacitors for the high side of each output. A 220-nF ceramic capacitor of quality X5R or better, rated for at least
16 V, must be connected from each output to its corresponding bootstrap input. (See the application circuit
diagram in Figure 19.) The bootstrap capacitors connected between the BSxx pins and their corresponding
outputs function as a floating power supply for the high-side N-channel power MOSFET gate-drive circuitry.
During each high-side switching cycle, the bootstrap capacitors hold the gate-to-source voltage high enough to
keep the high-side MOSFETs turned on.
7.3.7 Differential Inputs
The differential input stage of the amplifier cancels any noise that appears on both input lines of the channel. To
use the TPA311xD2-Q1 family with a differential source, connect the positive lead of the audio source to the
RINP or LINP input and the negative lead from the audio source to the RINN or LINN input. To use the
TPA311xD2-Q1 family with a single-ended source, ac-ground the negative input through a capacitor equal in
value to the input capacitor on the positive input and apply the audio source to either input. In a single-ended
input application, the unused input should be ac-grounded at the audio source instead of at the device input for
best noise performance. For good transient performance, the impedance seen at each of the two differential
inputs should be the same.
The impedance seen at the inputs should be limited to an RC time constant of 1 ms or less if possible. This is to
allow the input dc-blocking capacitors to become completely charged during the 10-ms power-up time. If the
input capacitors are not allowed to completely charge, there is some additional sensitivity to component matching
which can result in a pop if the input components are not well matched.
7.3.8 Device Protection System
The TPA311xD2-Q1 family contains a complete set of protection circuits to make system design efficient as well
as to protect the device against any kind of permanent failures due to short circuits, overload, overtemperature,
and undervoltage. The FAULT pin signals if an error is detected according to Table 5:
Table 5. Fault Reporting
TRIGGERING CONDITION
LATCHED OR SELF-
FAULT
FAULT
ACTION
(typical value)
CLEARING
Overcurrent
Output short or short to PVCC or GND
Low
Output high impedance
Latched
Overtemperature
Tj > 150°C
Low
Output high impedance
Latched
Too-high dc offset
DC output voltage
Low
Output high impedance
Latched
Undervoltage on
V(PVCC) < 4.5 V
Output high impedance
Self-clearing
PVCC
Overvoltage on PVCC
V(PVCC) > 27 V
Output high impedance
Self-clearing
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Similar Part No. - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com