Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2-Q1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2-Q1
Description  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2-Q1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA3118D2-Q1 Datasheet HTML 8Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 9Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 10Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 11Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 12Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 13Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 14Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 15Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
2
L
P
L
S
OUT
L
R
V
R + 2
R
P
=
for unclipped power
2
R
æ
ö
æ
ö
´
ç
÷
ç
÷
ç
÷
´
è
ø
è
ø
´
TPA3116D2-Q1, TPA3118D2-Q1
SLOS862A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
The input capacitors used should be a type with low leakage, like quality electrolytic, tantalum, or ceramic. If a
polarized type is used, the positive connection should face the input pins, which are biased to 3 Vdc.
7.3.3 Start-Up and Shutdown Operation
The TPA311xD2-Q1 family employs a shutdown mode of operation designed to reduce supply current (ICC) to the
absolute minimum level for power conservation during periods of nonuse. The SD input pin should be held high
(see Recommended Operating Conditions for SD VIH and VIL levels) during normal operation when the amplifier
is in use. Pulling SD low sets the outputs to mute, and the amplifier enters a low-current state. It is not
recommended to leave SD unconnected, because amplifier operation would be unpredictable.
For the best power-off pop performance, place the amplifier in the shutdown mode prior to removing the power
supply. The gain setting is selected at the end of the start-up cycle. At the end of the start-up cycle, the gain is
selected and cannot be changed until the next power up.
7.3.4 PLIMIT Operation
The TPA311xD2-Q1 family has a built-in voltage limiter that can be used to limit the output voltage level below
the supply rail, the amplifier simply operates as if it was powered by a lower supply voltage, and thereby limits
the output power. Add a resistor divider from GVDD to ground to set the voltage at the PLIMIT pin. An external
reference may also be used if tighter tolerance is required. Add a 1-µF capacitor from the PLIMIT pin to ground
to ensure stability. It is recommended to connect PLIMIT to GVDD when using 1SPW-modulation mode.
Figure 14. Power Limit Example
The PLIMIT circuit sets a limit on the output peak-to-peak voltage. The limiting is done by limiting the duty cycle
to a fixed maximum value. This limit can be thought of as a virtual voltage rail which is lower than the supply
connected to PVCC. This virtual rail is approximately 4 times the voltage at the PLIMIT pin. This output voltage
can be used to calculate the maximum output power for a given maximum input voltage and speaker impedance.
where
POUT (10%THD) = 1.25 × POUT (unclipped)
RL is the load resistance.
RS is the total series resistance including RDS(on) and output filter resistance.
VP is the peak amplitude
VP = 4 × PLIMIT voltage if PLIMIT < 4 × VP
(2)
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Similar Part No. - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com