Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2-Q1 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2-Q1
Description  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2-Q1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPA3118D2-Q1 Datasheet HTML 21Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 22Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 23Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 24Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 25Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 26Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 27Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 28Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
MACHINE THESE
3 EDGES AFTER
ANODIZATION
0.00
–0.60
+.000
–.024
SINK HEIGHT
25.00
.984
1.00
[.118]
3.00
[.118]
50.00±0.38
[1.969±.015]
SINK LENGTH
3.00
[.118]
6.35
[.250]
13.90±0.38
[.547±.015]
BASE WIDTH
6.95
[.274]
5.00
[.197]
40.00
[1.575]
2X 4-40
6.5
x
TPA3116D2-Q1, TPA3118D2-Q1
www.ti.com
SLOS862A – JULY 2015 – REVISED AUGUST 2015
10.3 Heat Sink Used on the EVM
The heat sink (part number ATS-TI 10 OP-521-C1-R1 or equivalent) used on the EVM is a 14-mm × 25-mm ×
50-mm extruded aluminum heat sink with three fins (see Figure 24). For additional information on the heat sink,
go to www.qats.com.
Figure 24. EVM Heatsink
This size heat sink has shown to be sufficient for continuous output power. The crest factor of music and having
airflow lowers the requirement for heat sinking, and smaller types of heat sinks can be used.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Similar Part No. - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D
REV. A
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
logo
Texas Instruments
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com