Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2-Q1 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2-Q1
Description  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2-Q1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPA3118D2-Q1 Datasheet HTML 16Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 17Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 18Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 19Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 20Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 21Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 22Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 23Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
MODSEL
SD
FAULT
INPR
INNR
PLIMIT
GVDD
GAIN/SLV
GND
INPL
INNL
MUTE
AM2
AM1
AM0
SYNC
PVCC
PVCC
BSPR
OUTPR
GND
OUTNR
BSNR
GND
BSPL
OUTPL
GND
OUTNL
BSNL
PVCC
PVCC
AVCC
TPA3116D2-Q1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
24
10nF
3.3R
100K
100nF
PVCC
1nF
100nF
220uF
220nF
220nF
220nF
220nF
1nF
100nF
220uF
10uH
1nF
1nF
10nF
10nF
680nF
680nF
3.3R
3.3R
1nF
1nF
10nF
10nF
680nF
680nF
3.3R
3.3R
10uH
10uH
10uH
PVCC
1nF
1nF
1uF
100K
20K
1nF
1nF
100K
10K
SD_LR
IN_P_RIGHT
IN_N_RIGHT
IN_P_LEFT
IN_N_LEFT
MUTE_LR
MODSEL
SD
FAULT
INPR
INNR
PLIMIT
GVDD
GAIN/SLV
GND
INPL
INNL
MUTE
AM2
AM1
AM0
SYNC
PVCC
PVCC
BSPR
OUTPR
GND
OUTNR
BSNR
GND
BSPL
OUTPL
GND
OUTNL
BSNL
PVCC
PVCC
AVCC
TPA3116D2-Q1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
24
100K
PVCC
1nF
100nF
220uF
220nF
220nF
220nF
220nF
1nF
100nF
220uF
10uH
1nF
1nF
10nF
10nF
1uF
1uF
3.3R
3.3R
1nF
1nF
10nF
10nF
1uF
1uF
3.3R
3.3R
10uH
10uH
10uH
PVCC
1nF
1nF
1uF
47K
75K
100K
SD_SUB
IN_P_SUB
IN_N_SUB
MUTE_SUB
PVCC
1nF
PVCC DECOUPLING
OUTPUT LC FILTER
EMI C-RC SNUBBER
PVCC DECOUPLING
PVCC DECOUPLING
OUTPUT LC FILTER
EMI C-RC SNUBBER
PVCC DECOUPLING
TPA3116D2-Q1, TPA3118D2-Q1
SLOS862A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
Figure 19. Typical Application Schematic
20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Similar Part No. - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2-Q1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D
REV. A
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
50 W 50 W dual BTL class-D audio amplifier
logo
Texas Instruments
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com