Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2QDAPRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2QDAPRQ1
Description  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2QDAPRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA3118D2QDAPRQ1 Datasheet HTML 2Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 3Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 4Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 5Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 6Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 7Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 8Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 9Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TPA3116D2-Q1, TPA3118D2-Q1
SLOS862A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
6.4 Thermal Information
TPA3116D2-Q1
TPA3118D2-Q1
THERMAL METRIC(1)
DAD
DAP
UNIT
32 PINS
32 PINS
RθJA
Junction-to-ambient thermal resistance
44.7(2)
32.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.2
17.2
°C/W
RθJB
Junction-to-board thermal resistance
21.5
17.3
°C/W
ψJT
Junction-to-top characterization parameter
1.2
0.4
°C/W
ψJB
Junction-to-board characterization parameter
21
17.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Modeled with a 15-mm × 15-mm × 2-mm copper heat slug heat sink. A better heat sink or airflow would yield a much better RθJA.
Perfect heat sink results could be as low as RθJC(top) = 1.2 ºC/W.
6.5 DC Electrical Characteristics
TA = 25°C, AVCC = PVCC = 12 V to 24 V, RL = 4 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, gain = 36 dB
1.5
15
mV
differentially)
SD = 2 V, no load or filter, V(PVCC) = 12 V
20
35
ICC
Quiescent supply current
mA
SD = 2 V, no load or filter, V(PVCC) = 24 V
32
50
SD = 0.8 V, no load or filter, V(PVCC) = 12 V
<50
Quiescent supply current in shutdown
ICC(SD)
µA
mode
SD = 0.8 V, no load or filter, V(PVCC) = 24 V
50
400
Drain-source on-state resistance,
rDS(on)
V(PVCC) = 21 V, IO = 500 mA, TJ = 25°C
120
m
Ω
measured pin-to-pin
R1 = open, R2 = 20 k
Ω
19
20
21
dB
R1 = 100 k
Ω, R2 = 20 kΩ
25
26
27
G
Gain (BTL)
R1 = 100 k
Ω, R2 = 39 kΩ
31
32
33
dB
R1 = 75 k
Ω, R2 = 47 kΩ
35
36
37
R1 = 51 k
Ω, R2 = 51 kΩ
19
20
21
dB
R1 = 47 k
Ω, R2 = 75 kΩ
25
26
27
G
Gain (SLV)
R1 = 39 k
Ω, R2 = 100 kΩ
31
32
33
dB
R1 = 16 k
Ω, R2 = 100 kΩ
35
36
37
ton
Turn-on time
V(SD) = 2 V
10
ms
toff
Turn-off time
V(SD) = 0.8 V
2
µs
GVDD
Gate drive supply
I(GVDD) < 200 µA
6.4
6.9
7.4
V
Output voltage maximum under PLIMIT
VO
V(PLIMIT) = 2 V; VI = 1 Vrms
6.75
7.9
8.75
V
control
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Similar Part No. - TPA3118D2QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com