Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2QDAPRQ1 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2QDAPRQ1
Description  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2QDAPRQ1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPA3118D2QDAPRQ1 Datasheet HTML 23Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 24Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 25Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 26Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 27Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 28Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 29Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 30Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
30-Aug-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPA3116D2QDADRQ1
ACTIVE
HTSSOP
DAD
32
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 125
TPA
3116Q
D2
TPA3118D2QDAPRQ1
ACTIVE
HTSSOP
DAP
32
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
-40 to 125
TPA3118Q
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - TPA3118D2QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com