Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2QDAPRQ1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2QDAPRQ1
Description  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2QDAPRQ1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA3118D2QDAPRQ1 Datasheet HTML 14Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 15Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 16Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 17Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 18Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 19Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 20Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 21Page - Texas Instruments TPA3118D2QDAPRQ1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
TPA3116D2-Q1
4.5 V–26 V
PSU
LC Filter
OUTPR
OUTNR
OUTPL
OUTNL
Right
Left
PBTL
Detect
TPA3116D2-Q1, TPA3118D2-Q1
SLOS862A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
Table 7. AM Frequencies
US
EUROPEAN
AM FREQUENCY (kHz)
AM FREQUENCY (kHz)
SWITCHING FREQUENCY (kHz)
AM2
AM1
AM0
522–540
540–917
540–914
500
0
0
1
0
1
0
917–1125
914–1122
600 (or 400)
0
0
0
1125–1375
1122–1373
500
0
0
1
0
1
0
1375–1547
1373–1548
600 (or 400)
0
0
0
0
1
0
1547–1700
1548–1701
600 (or 500)
0
0
1
7.4 Device Functional Mode
7.4.1 Mono Mode (PBTL)
The TPA311xD2-Q1 family can be connected in MONO mode enabling up to 100-W output power. This is done
by:
Connecting INPL and INNL directly to ground (without capacitors) to set the device in mono mode during
power up
Connecting OUTPR and OUTNR together for the positive speaker terminal and OUTNL and OUTPL together
for the negative terminal
Applying the analog input signal to INPR and INNR
Figure 18. Mono Mode (PBTL)
18
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Similar Part No. - TPA3118D2QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2QDAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com