Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2-Q1
Description  Filter-Free Stereo Class-D Audio Power Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPA3110D2-Q1 Datasheet HTML 11Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 12Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 13Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 14Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 15Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 16Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 17Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 18Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
TPA3110D2-Q1
www.ti.com
SLOS794B – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
Table 1. DC Detect Threshold
AV (dB)
VIN (mV, Differential)
20
112
26
56
32
28
36
17
7.3.2 Short-Circuit Protection and Automatic Recovery Feature
TPA3110D2-Q1 has protection from overcurrent conditions caused by a short circuit on the output stage. The
short-circuit protection fault is reported on the FAULT pin as a low state. The amplifier outputs are switched to a
Hi-Z state when the short-circuit protection latch is engaged. The latch can be cleared by cycling the SD pin
through the low state.
If automatic recovery from the short-circuit protection latch is desired, connect the FAULT pin directly to the SD
pin. This allows the FAULT pin function to automatically drive the SD pin low, which clears the short-circuit
protection latch.
7.3.3 Thermal Protection
Thermal protection on the TPA3110D2-Q1 prevents damage to the device when the internal die temperature
exceeds 150°C. There is a ±15°C tolerance on this trip point from device to device. Once the die temperature
exceeds the thermal set point, the device enters into the shutdown state and the outputs are disabled. This is not
a latched fault. The thermal fault is cleared once the temperature of the die is reduced by 15°C. The device
begins normal operation at this point with no external system interaction.
Thermal protection faults are NOT reported on the FAULT terminal.
7.3.4 GVDD Supply
The GVDD supply is used to power the gates of the output full bridge transistors. It can also be used to supply
the PLIMIT voltage divider circuit. Add a 1-
μF capacitor to ground at this pin.
7.4 Device Functional Modes
7.4.1 PBTL Select
Use the PBTL pin to select between PBTL mode when held high or BTL mode when held low. Connect the
speaker between the right and left outputs, with the positive and negative output from each channel tied together.
7.4.2 Gain Setting Through GAIN0 and GAIN1 Inputs
The gain of the TPA3110D2-Q1 is set to one of four options by the state of the GAIN0 and GAIN1 pins.
Changing the gain setting also changes the input impedance of the TPA3110D2-Q1.
Refer to Table 2 for a list of the gain settings.
Table 2. Gain Setting
AMPLIFIER GAIN (dB)
INPUT IMPEDANCE (k
Ω)
GAIN1
GAIN0
TYP
TYP
0
0
20
60
0
1
26
30
1
0
32
15
1
1
36
9
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPA3110D2-Q1


Similar Part No. - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 35P
15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
More results

Similar Description - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com