Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2-Q1
Description  Filter-Free Stereo Class-D Audio Power Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3110D2-Q1 Datasheet HTML 9Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 10Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 11Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 12Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 13Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 14Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 15Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 16Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TPA3110D2-Q1
www.ti.com
SLOS794B – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
The TPA3110D2-Q1 is AEC-Q100 qualified with a temperature grade 1 (-40°C to 125°C), HBM ESD
classification level H2, and CDM ESD classification level C2. This automotive audio amplifier also features
several protection mechanisms as follows:
DC Current Detection
The TPA3110D2-Q1 protects speakers from DC current by reporting a fault on the FAULT pin and turning
the amplifier outputs to a Hi-Z state when a DC current is detected. The PVCC supply must be cycled to
clear this fault.
Short-Circuit Protection and Automatic Recovery
The TPA3110D2-Q1 has short circuit protection from the output pins to VCC, GND, or to each other. If a
short circuit is detected, it will be reported on the FAULT pin and the amplifier outputs will be switched to a
Hi-Z state. The fault can be cleared by cycling the SD pin.
Thermal Protection
When the die temperature exceeds 150°C (±15°C) the device enters the shutdown state and the amplifier
outputs are disabled. The TPA3110D2-Q1 recovers automatically when the temperature decreases by
15°C
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPA3110D2-Q1


Similar Part No. - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 35P
15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
More results

Similar Description - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com