Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2-Q1
Description  Filter-Free Stereo Class-D Audio Power Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPA3110D2-Q1 Datasheet HTML 1Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 2Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 3Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 4Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 5Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 6Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 7Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 8Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
SD
FAULT
LINP
LINN
GAIN0
GAIN1
AVCC
AGND
GVDD
PLIMIT
PVCCL
PVCCL
BSPL
OUTPL
PGND
OUTNL
BSNL
BSNR
OUTNR
PGND
RINN
RINP
NC
11
12
13
14
18
17
16
15
OUTPR
BSPR
PVCCR
PVCCR
PBTL
TPA3110D2-Q1
www.ti.com
SLOS794B – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
PWP Package
28-Pin HTSSOP With PowerPAD™ IC Package
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled), TTL
1
SD
I
logic levels with compliance to AVCC.
Open drain output used to display short circuit or DC detect fault status. Voltage compliant to
2
FAULT
O
AVCC. Short circuit faults can be set to auto-recovery by connecting FAULT pin to SD pin.
Otherwise, both short circuit faults and DC detect faults must be reset by cycling PVCC.
3
LINP
I
Positive audio input for left channel, biased at 3 V.
4
LINN
I
Negative audio input for left channel, biased at 3 V.
5
GAIN0
I
Gain select least significant bit, TTL logic levels with compliance to AVCC.
6
GAIN1
I
Gain select most significant bit, TTL logic levels with compliance to AVCC.
7
AVCC
P
Analog supply
8
AGND
Analog signal ground, connect to the thermal pad.
High-side FET gate drive supply. The nominal voltage is 7 V. GVDD should also be used as
9
GVDD
O
a supply for the PLIMIT function.
Power limit level adjust. Connect a resistor divider from GVDD to GND to set power limit.
10
PLIMIT
I
Connect directly to GVDD for no power limit.
11
RINN
I
Negative audio input for right channel, biased at 3 V.
12
RINP
I
Positive audio input for right channel, biased at 3 V.
13
NC
Not connected
14
PBTL
I
Parallel BTL mode switch
Power supply for right channel H-bridge. Right channel and left channel power supply inputs
15
PVCCR
P
are connect internally.
Power supply for right channel H-bridge. Right channel and left channel power supply inputs
16
PVCCR
P
are connect internally.
17
BSPR
I
Bootstrap I/O for right channel, positive high-side FET
18
OUTPR
O
Class-D H-bridge positive output for right channel
19
PGND
Power ground for the H-bridges
20
OUTNR
O
Class-D H-bridge negative output for right channel
21
BSNR
I
Bootstrap I/O for right channel, negative high-side FET
22
BSNL
I
Bootstrap I/O for left channel, negative high-side FET
23
OUTNL
O
Class-D H-bridge negative output for left channel
24
PGND
Power ground for the H-bridges
25
OUTPL
O
Class-D H-bridge positive output for left channel
26
BSPL
I
Bootstrap I/O for left channel, positive high-side FET
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA3110D2-Q1


Similar Part No. - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 35P
15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
More results

Similar Description - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com