Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2-Q1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2-Q1
Description  Filter-Free Stereo Class-D Audio Power Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2-Q1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA3110D2-Q1 Datasheet HTML 15Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 16Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 17Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 18Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 19Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 20Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 21Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 22Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
PVCC
PVCC
GAIN1
6
AVCC
7
8
AGND
9
GVDD
23
22
21
20
TPA3110D2-Q1
FAULT
2
LINP
3
4
LINN
5
GAIN0
27
26
25
24
PLIMIT
10
RINN
11
12
RINP
13
NC
19
18
17
16
PBTL
14
15
GND
29
PowerPAD
SD
1
28
PVCC
100 F
0. 1 F
1000 pF
100 F
0.1
F
1000 pF
Audio
Source
Control
System
100 k
10
100 kW
(1)
1 k
FB
FB
0. 47 F
1000 pF
0.47 F
1000 pF
AVCC
1 F
m
1 F
m
1 F
m
1 F
m
OUTNL
BSNL
BSNR
OUTNR
PVCCL
BSPL
OUTPL
PGND
PGND
OUTPR
BSPR
PVCCR
PVCCR
PVCCL
AVCC
TPA3110D2-Q1
www.ti.com
SLOS794B – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
Typical Application (continued)
(1)
A 100-k
Ω resistor is needed if the PVCC slew rate is more than 10 V/ms.
Figure 37. Stereo Class-D Amplifier With PBTL Output and Single-Ended Input
8.2.1 Design Requirements
The typical requirements for designing the external components around the TPA3110D1-Q1 include efficiency
and EMI/EMC performance. For most applications, only a ferrite bead is needed to filter unwanted emissions.
The ripple current is low enough that an LC filter is typically not needed. As the output power increases, causing
the ripple current to increase, an LC filter can be added to improve efficiency. An LC filter can also be added in
cases where additional EMI suppression is needed.
In addition to discussing how to choose a ferrite bead and when to use an LC filter, the following sections also
discuss the input filter and power supply decoupling. The input filter must be chosen with the input impedance of
the amplifier in mind. The cut-off frequency should be chosen so that bass performance is not impacted. Power
supply decoupling is important to ensure that noise from the power line does not impact the audio quality of the
amplifier output.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPA3110D2-Q1


Similar Part No. - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 35P
15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
More results

Similar Description - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
3W Stereo Filter-free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com