Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2-Q1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2-Q1
Description  Filter-Free Stereo Class-D Audio Power Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2-Q1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA3110D2-Q1 Datasheet HTML 14Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 15Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 16Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 17Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 18Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 19Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 20Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 21Page - Texas Instruments TPA3110D2-Q1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
PVCC
PVCC
GAIN1
6
AVCC
7
8
AGND
9
GVDD
OUTNL
BSNL
BSNR
OUTNR
23
22
21
20
TPA3110D2-Q1
FAULT
2
LINP
3
4
LINN
5
GAIN0
PVCCL
BSPL
OUTPL
PGND
27
26
25
24
PLIMIT
10
RINN
11
12
RINP
13
NC
PGND
OUTPR
BSPR
PVCCR
19
18
17
16
PBTL
14
PVCCR
15
GND
29
PowerPAD
SD
1
PVCCL
28
PVCC
100 F
0. 1 F
1000 pF
100 F
0. 1 F
1000 pF
Audio
Source
Control
System
100 k
10
1 k
FB
FB
0.22 F
1000 pF
0.22 F
1000 pF
1 F
m
1 F
m
0. 22 F
FB
FB
1000 pF
1000 pF
0. 22 F
10 k
10 k
1 F
m
1 F
m
1 F
m
1 F
m
1 F
m
TPA3110D2-Q1
SLOS794B – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPA3110D1-Q1 device is an automotive class-D audio amplifier. It accepts either a stereo single ended or
differential analog input, amplifies the signal, and drives up to 15W across two bridge tied loads, usually stereo
speakers. Because an analog input is needed, this device is often paired with a codec or audio DAC if the audio
source is digital.
The four digital input/output pins, GAIN0, GAIN1, SD, and FAULT, can be pulled up to PVCC. When connecting
these terminals to PVCC, a 100 k
Ω-resistor must be put in series to limit the slew rate. One of four gain settings
is used depending on the configuration of GAIN0 and GAIN1. The SD pin is used to put the device in shutdown
or normal mode. The FAULT pin is used to indicate if a DC detect or short circuit fault was detected. The next
few sections explains design considerations and how to choose the external components.
8.2 Typical Application
Figure 36. Stereo Class-D Amplifier With BTL Output and Single-Ended Inputs With Power Limiting
18
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPA3110D2-Q1


Similar Part No. - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 35P
15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
More results

Similar Description - TPA3110D2-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com