Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2
Description  Filter-Free Stereo Class-D Audio Power Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3110D2 Datasheet HTML 9Page - Texas Instruments TPA3110D2 Datasheet HTML 10Page - Texas Instruments TPA3110D2 Datasheet HTML 11Page - Texas Instruments TPA3110D2 Datasheet HTML 12Page - Texas Instruments TPA3110D2 Datasheet HTML 13Page - Texas Instruments TPA3110D2 Datasheet HTML 14Page - Texas Instruments TPA3110D2 Datasheet HTML 15Page - Texas Instruments TPA3110D2 Datasheet HTML 16Page - Texas Instruments TPA3110D2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
PWM
Logic
Gate
Drive
Gate
Drive
PVCCL
PVCCL
GVDD
PVCCL
PVCCL
BSPL
PGND
OUTPL
OUTNL
PGND
GVDD
BSNL
PWM
Logic
Gate
Drive
Gate
Drive
PVCCL
PVCCL
GVDD
PVCCL
PVCCL
BSNR
PGND
OUTNR
OUTPR
PGND
GVDD
BSPR
LINP
LINN
RINP
RINN
UVLO/OVLO
SC Detect
DC Detect
Thermal
Detect
Startup Protection
Logic
Biases and
References
FAULT
SD
GAIN0
PLIMIT
AGND
AVCC
GAIN1
Gain
Control
TTL
Buffer
Ramp
Generator
AVDD
GVDD
GVDD
LDO
Regulator
Gain
Control
PLIMIT
PLIMIT
Reference
PBTL
Gain
Control
TTL
Buffer
PBTL
Select
PBTL Select
PBTL Select
OUTPL FB
OUTNL FB
OUTNN FB
OUTNP FB
OUTPR FB
OUTNR FB
OUTNL FB
OUTPL FB
PLIMIT
TPA3110D2
www.ti.com
SLOS528E – JULY 2009 – REVISED NOVEMBER 2015
9 Detailed Description
9.1 Overview
The TPA3110D2 is a 15-W Class-D audio power amplifier. It is designed to drive BTL stereo speakers. This
device is able to use inexpensive ferrite bead filters at the outputs while meeting EMC requirements. The
TPA3110D2 can drive stereo speakers as low as 4
Ω and its high efficiency eliminates the need for an external
heat sink. The device is fully protected against shorts to GND, VCC and output-to-output. The short-circuit
protection and thermal protection includes an auto-recovery feature.
9.2 Functional Block Diagram
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPA3110D2


Similar Part No. - TPA3110D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results

Similar Description - TPA3110D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com