Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2
Description  Filter-Free Stereo Class-D Audio Power Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA3110D2 Datasheet HTML 8Page - Texas Instruments TPA3110D2 Datasheet HTML 9Page - Texas Instruments TPA3110D2 Datasheet HTML 10Page - Texas Instruments TPA3110D2 Datasheet HTML 11Page - Texas Instruments TPA3110D2 Datasheet HTML 12Page - Texas Instruments TPA3110D2 Datasheet HTML 13Page - Texas Instruments TPA3110D2 Datasheet HTML 14Page - Texas Instruments TPA3110D2 Datasheet HTML 15Page - Texas Instruments TPA3110D2 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
0
5
10
15
20
25
30
35
40
45
G030
VCC = 12 V
Gain = 20 dB
ZL = 4
+ 33 µH
VCC = 18 V
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
20
100
1k
10k
20k
G031
Gain = 20 dB
Vripple = 200 mVpp
ZL = 8
+ 66 µH
VCC = 12 V
VCC − Supply Voltage − V
0
5
10
15
20
25
30
35
40
6
8
10
12
14
16
18
20
G028
THD = 10%
THD = 1%
Gain = 20 dB
ZL = 4
+ 33 µH
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
G029
Gain = 20 dB
ZL = 4
+ 33 µH
VCC = 12 V
VCC = 18 V
TPA3110D2
SLOS528E – JULY 2009 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3110D2 EVM which is
available at www.ti.com.
Note: Dashed Lines represent thermally limited regions.
SPACE
Figure 31. Output Power vs Supply Voltage (PBTL)
Figure 32. Efficiency vs Output Power (PBTL)
Figure 33. Supply Current vs Output Power (PBTL)
Figure 34. Supply Ripple Rejection Ratio vs Frequency
(PBTL)
8 Parameter Measurement Information
All parameters are measured according to the conditions described in the Specifications section.
12
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPA3110D2


Similar Part No. - TPA3110D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results

Similar Description - TPA3110D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com