Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2
Description  Filter-Free Stereo Class-D Audio Power Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPA3110D2 Datasheet HTML 21Page - Texas Instruments TPA3110D2 Datasheet HTML 22Page - Texas Instruments TPA3110D2 Datasheet HTML 23Page - Texas Instruments TPA3110D2 Datasheet HTML 24Page - Texas Instruments TPA3110D2 Datasheet HTML 25Page - Texas Instruments TPA3110D2 Datasheet HTML 26Page - Texas Instruments TPA3110D2 Datasheet HTML 27Page - Texas Instruments TPA3110D2 Datasheet HTML 28Page - Texas Instruments TPA3110D2 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LINP
LINN
FAULT
GAIN0
GAIN1
PLIMIT
RINN
RINP
PBTL
FB
FB
FB
FB
OUTPL
OUTNL
FB
OUTNR
FB
OUTPR
`
Top Layer Ground Plane
Vias on the thermal pad to get
optimal thermal performance
1 µF
1 nF
100 µF
0.1 nF
1 nF
100 µF
0.1 nF
1 nF
1 nF
1 nF
1 nF
330 pF
330 pF
0.22 µF
0.22 µF
0.22 µF
0.22 µF
330 pF
330 pF
10
SD
10
10
10
1 µF
1 µF
1 µF
1 µF
1 µF
Place Decoupling capacitors as
close to the device as possible.
Place Decoupling
capacitors as close to
the device as possible.
Several Via connection
between top and
bottom ground layers
for EMI and Thermal
performance
Bulk Capacitor for good
audio decoupling close to
Power source
Pad to Top Layer Ground Plane
Top Layer Traces
PowerPAD
Via to Ground Plane
Via to Power
TPA3110D2
www.ti.com
SLOS528E – JULY 2009 – REVISED NOVEMBER 2015
Layout Guidelines (continued)
ceramic capacitor between 220 pF and 1000 pF and a larger mid-frequency cap of value between 0.1
μF and
1
μF also of good quality to the PVCC connections at each end of the chip.
Keep the current loop from each of the outputs through the ferrite bead and the small filter cap and back to
PGND as small and tight as possible. The size of this current loop determines its effectiveness as an
antenna.
Grounding—The AVCC (pin 7) decoupling capacitor should be grounded to analog ground (AGND). The
PVCC decoupling capacitors should connect to PGND. Analog ground and power ground should be
connected at the thermal pad, which should be used as a central ground connection or star ground for the
TPA3110D2.
Output filter—The ferrite EMI filter (Figure 39) should be placed as close to the output terminals as possible
for the best EMI performance. The LC filter (Figure 37 and Figure 38) should be placed close to the outputs.
The capacitors used in both the ferrite and LC filters should be grounded to power ground.
Thermal Pad—The thermal pad must be soldered to the PCB for proper thermal performance and optimal
reliability. The dimensions of the thermal pad and thermal land should be 6.46mm by 2.35mm. Seven rows of
solid vias (three vias per row, 0,3302 mm or 13 mils diameter) should be equally spaced underneath the
thermal land. The vias should connect to a solid copper plane, either on an internal layer or on the bottom
layer of the PCB. The vias must be solid vias, not thermal relief or webbed vias. See the TI Application
Report SLMA002 for more information about using the TSSOP thermal pad. For recommended PCB
footprints, see figures at the end of this data sheet.
For an example layout, see the TPA3110D2 Evaluation Module (TPA3110D2EVM) User Manual. Both the EVM
user manual and the thermal pad application report are available on the TI Web site at www.ti.com.
12.2 Layout Example
Figure 47. TPA3110D2 PCB Layout
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TPA3110D2


Similar Part No. - TPA3110D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results

Similar Description - TPA3110D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com