Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2
Description  Filter-Free Stereo Class-D Audio Power Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPA3110D2 Datasheet HTML 20Page - Texas Instruments TPA3110D2 Datasheet HTML 21Page - Texas Instruments TPA3110D2 Datasheet HTML 22Page - Texas Instruments TPA3110D2 Datasheet HTML 23Page - Texas Instruments TPA3110D2 Datasheet HTML 24Page - Texas Instruments TPA3110D2 Datasheet HTML 25Page - Texas Instruments TPA3110D2 Datasheet HTML 26Page - Texas Instruments TPA3110D2 Datasheet HTML 27Page - Texas Instruments TPA3110D2 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
VCC − Supply Voltage − V
0
5
10
15
20
25
30
35
40
6
8
10
12
14
16
18
20
G028
THD = 10%
THD = 1%
Gain = 20 dB
ZL = 4
+ 33 µH
TPA3110D2
SLOS528E – JULY 2009 – REVISED NOVEMBER 2015
www.ti.com
10.2.5 Application Curve
Note: Dashed Lines represent thermally limited regions.
Figure 46. Output Power vs Supply Voltage (PBTL)
11 Power Supply Recommendations
The TPA3110D2 is designed to operate form an input voltage supply range between 8-V and 26-V. Therefore,
the output voltage range of power supply should be within this range and well regulated. The current capability of
upper power should not exceed the maximum current limit of the power switch.
11.1 Power Supply Decoupling, CS
The TPA3110D2 is a high-performance CMOS audio amplifier that requires adequate power supply decoupling
to ensure that the output total harmonic distortion (THD) is as low as possible. Power supply decoupling also
prevents oscillations for long lead lengths between the amplifier and the speaker. Optimum decoupling is
achieved by using a network of capacitors of different types that target specific types of noise on the power
supply leads. For higher frequency transients due to parasitic circuit elements such as bond wire and copper
trace inductances as well as lead frame capacitance, a good quality low equivalent-series-resistance (ESR)
ceramic capacitor of value between 220 pF and 1000 pF works well. This capacitor should be placed as close to
the device PVCC pins and system ground (either PGND pins or PowerPAD™) as possible.
For mid-frequency noise due to filter resonances or PWM switching transients as well as digital hash on the line,
another good quality capacitor typically 0.1
μF to 1 µF placed as close as possible to the device PVCC leads
works best. For filtering lower frequency noise signals, a larger aluminum electrolytic capacitor of 220
μF or
greater placed near the audio power amplifier is recommended.
The 220-
μF capacitor also serves as a local storage capacitor for supplying current during large signal transients
on the amplifier outputs. The PVCC terminals provide the power to the output transistors, so a 220 µF or larger
capacitor should be placed on each PVCC terminal. A 10-µF capacitor on the AVCC terminal is adequate. Also,
a small decoupling resistor between AVCC and PVCC can be used to keep high frequency class D noise from
entering the linear input amplifiers.
12 Layout
12.1 Layout Guidelines
The TPA3110D2 can be used with a small, inexpensive ferrite bead output filter for most applications. However,
since the Class-D switching edges are fast, it is necessary to take care when planning the layout of the printed
circuit board. The following suggestions will help to meet EMC requirements.
Decoupling capacitors—The high-frequency decoupling capacitors should be placed as close to the PVCC
and AVCC terminals as possible. Large (220 µF or greater) bulk power supply decoupling capacitors should
be placed near the TPA3110D2 on the PVCCL and PVCCR supplies. Local, high-frequency bypass
capacitors should be placed as close to the PVCC pins as possible. These caps can be connected to the
thermal pad directly for an excellent ground connection. Consider adding a small, good quality low ESR
24
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPA3110D2


Similar Part No. - TPA3110D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results

Similar Description - TPA3110D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com