Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2
Description  Filter-Free Stereo Class-D Audio Power Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA3110D2 Datasheet HTML 14Page - Texas Instruments TPA3110D2 Datasheet HTML 15Page - Texas Instruments TPA3110D2 Datasheet HTML 16Page - Texas Instruments TPA3110D2 Datasheet HTML 17Page - Texas Instruments TPA3110D2 Datasheet HTML 18Page - Texas Instruments TPA3110D2 Datasheet HTML 19Page - Texas Instruments TPA3110D2 Datasheet HTML 20Page - Texas Instruments TPA3110D2 Datasheet HTML 21Page - Texas Instruments TPA3110D2 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
L
P
L
S
OUT
L
2
R
x V
R + 2 x R
P
=
for unclipped power
2 x R
æ
ö
æ
ö
ç
÷
ç
÷
ç
÷
è
ø
è
ø
TPA3110D2
SLOS528E – JULY 2009 – REVISED NOVEMBER 2015
www.ti.com
The PLIMIT circuit sets a limit on the output peak-to-peak voltage. The limiting is done by limiting the duty cycle
to fixed maximum value. This limit can be thought of as a virtual voltage rail which is lower than the supply
connected to PVCC. This "virtual" rail is 4 times the voltage at the PLIMIT pin. This output voltage can be used to
calculate the maximum output power for a given maximum input voltage and speaker impedance.
Where:
RS is the total series resistance including RDS(on), and any resistance in the output filter.
RL is the load resistance.
VP is the peak amplitude of the output possible within the supply rail.
POUT (10%THD) = 1.25 × POUT (unclipped)
(1)
Table 2. PLIMIT Typical Operation
OUTPUT VOLTAGE
TEST CONDITIONS
PLIMIT VOLTAGE
OUTPUT POWER (W)
AMPLITUDE (VP-P)
PVCC=24V, Vin=1Vrms,
6.97
36.1 (thermally limited)
43
RL=8
Ω, Gain=26dB
PVCC=24V, Vin=1Vrms,
2.94
15
25.2
RL=8
Ω, Gain=26dB
PVCC=24V, Vin=1Vrms,
2.34
10
20
RL=8
Ω, Gain=26dB
PVCC=24V, Vin=1Vrms,
1.62
5
14
RL=8
Ω, Gain=26dB
PVCC=24V, Vin=1Vrms,
6.97
12.1
27.7
RL=8
Ω, Gain=20dB
PVCC=24V, Vin=1Vrms,
3.00
10
23
RL=8
Ω, Gain=20dB
PVCC=24V, Vin=1Vrms,
1.86
5
14.8
RL=8
Ω, Gain=20dB
PVCC=12V, Vin=1Vrms,
6.97
10.55
23.5
RL=8
Ω, Gain=20dB
PVCC=12V, Vin=1Vrms,
1.76
5
15
RL=8
Ω, Gain=20dB
9.3.5 GVDD Supply
The GVDD Supply is used to power the gates of the output full bridge transistors. It can also be used to supply
the PLIMIT voltage divider circuit. Add a 1-
μF capacitor to ground at this pin.
9.3.6 PBTL Select
TPA3110D2 offers the feature of parallel BTL operation with two outputs of each channel connected directly. If
the PBTL pin (pin 14) is tied high, the positive and negative outputs of each channel (left and right) are
synchronized and in phase. To operate in this PBTL (mono) mode, apply the input signal to the RIGHT input and
place the speaker between the LEFT and RIGHT outputs. Connect the positive and negative output together for
best efficiency. The voltage slew rate of the PBTL pin must be restricted to no more than 10V/ms. For higher
slew rates, use a 100k
Ω resistor in series with the terminals. For an example of the PBTL connection, see the
schematic in the APPLICATION INFORMATION section.
For normal BTL operation, connect the PBTL pin to local ground.
18
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPA3110D2


Similar Part No. - TPA3110D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results

Similar Description - TPA3110D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com