Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2903C Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM2903C
Description  Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2903C Datasheet(HTML) 1 Page - Texas Instruments

  PCM2903C_15 Datasheet HTML 1Page - Texas Instruments PCM2903C_15 Datasheet HTML 2Page - Texas Instruments PCM2903C_15 Datasheet HTML 3Page - Texas Instruments PCM2903C_15 Datasheet HTML 4Page - Texas Instruments PCM2903C_15 Datasheet HTML 5Page - Texas Instruments PCM2903C_15 Datasheet HTML 6Page - Texas Instruments PCM2903C_15 Datasheet HTML 7Page - Texas Instruments PCM2903C_15 Datasheet HTML 8Page - Texas Instruments PCM2903C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PCM2903C
Line In
Line Out
S/PDIF I/O
USB
HID Controls
VDD
VCCC
VCCX
VCCP1
VCCP2
AGNDC
AGNDP
AGNDX
DGND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
PCM2903C
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
PCM2903C Stereo Audio Codec With USB Interface,
Single-Ended Analog Input/Output, and S/PDIF
1 Features
SNR = 96 dB
Dynamic Range = 93 dB
1
On-Chip USB Interface:
Oversampling Digital Filter:
With Full-Speed Transceivers
Passband Ripple = ±0.1 dB
Fully Compliant With USB 2.0 Specification
Stop-Band Attenuation = –43 dB
Certified by USB-IF
Single-Ended Voltage Output
USB Adaptive Mode for Playback
Analog LPF Included
USB Asynchronous Mode for Record
Multifunctions:
Self-Powered
Human Interface Device (HID) Function:
16-Bit Delta-Sigma ADC and DAC
Volume and Mute Controls
Sampling Rates:
Suspend Flag Function
DAC: 32, 44.1, 48 kHz
28-Pin SSOP Package
ADC: 8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
On-Chip Clock Generator With Single 12-MHz
2 Applications
Clock Source
USB Audio Speaker
S/PDIF Input/Output
USB Headset
Single Power Supply:
USB Monitor
3.3 V Typical
USB Audio Interface Box
Stereo ADC:
Analog Performance at VCCC = VCCP1 = VCCP2
3 Description
= VCCX = VDD = 3.3 V:
The PCM2903C is TI's single-chip, USB, stereo audio
THD+N = 0.01%
codec with a USB-compliant full-speed protocol
SNR = 89 dB
controller and S/PDIF. The USB protocol controller
requires no software code. The PCM2903C employs
Dynamic Range = 89 dB
SpAct™
architecture,
TI's
unique
system
that
Decimation Digital Filter:
recovers the audio clock from USB packet data. On-
Passband Ripple = ±0.05 dB
chip analog PLLs with SpAct enable playback and
record with low clock jitter, as well as independent
Stop-Band Attenuation = –65 dB
playback and record sampling rates.
Single-Ended Voltage Input
Antialiasing Filter Included
Device Information(1)
Digital HPF Included
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Stereo DAC:
PCM2903C
SSOP (28)
10.20 mm × 5.30 mm
Analog Performance at VCCC = VCCP1 = VCCP2
(1) For all available packages, see the orderable addendum at
the end of the datas heet.
= VCCX = VDD = 3.3 V:
THD+N = 0.005%
Simplified Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com