Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2903C Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM2903C
Description  Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2903C Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM2903C_15 Datasheet HTML 2Page - Texas Instruments PCM2903C_15 Datasheet HTML 3Page - Texas Instruments PCM2903C_15 Datasheet HTML 4Page - Texas Instruments PCM2903C_15 Datasheet HTML 5Page - Texas Instruments PCM2903C_15 Datasheet HTML 6Page - Texas Instruments PCM2903C_15 Datasheet HTML 7Page - Texas Instruments PCM2903C_15 Datasheet HTML 8Page - Texas Instruments PCM2903C_15 Datasheet HTML 9Page - Texas Instruments PCM2903C_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
PCM2903C
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
www.ti.com
7.5 Electrical Characteristics
All specifications at TA = 25°C, VCCC = VCCP1 = VCCP2 = VCCX = VDD = 3.3 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Host interface
Apply USB Revision 2.0, full speed
Audio data format
USB isochronous data format
INPUT LOGIC
D+, D–
2
VDD
XTI, HID0, HID1, and
0.7 VDD
VDD
High-level input
HID2
VIH
VDC
voltage
SEL0, SEL1
2
5.25
DIN
0.7 VDD
5.25
D+, D–
0.8
XTI, HID0, HID1, and
0.3 VDD
Low-level input
HID2
VIL
VDC
voltage
SEL0, SEL1
0.8
DIN
0.3 VDD
D+, D–, XTI, SEL0,
VIN = 3.3 V
±10
SEL1
High-level input
IIH
μA
current
HID0, HID1, and HID2
VIN = 3.3 V
50
80
DIN
VIN = 3.3 V
65
100
D+, D–, XTI, SEL0,
VIN = 0 V
±10
SEL1
Low-level input
IIL
μA
current
HID0, HID1, and HID2
VIN = 0 V
±10
DIN
VIN = 0 V
±10
OUTPUT LOGIC
D+, D–
2.8
High-level output
VOH
DOUT
IOH = –4 mA
2.8
VDC
voltage
SSPND
IOH = –2 mA
2.8
D+, D–
0.3
Low-level output
VOL
DOUT
IOL = 4 mA
0.5
VDC
voltage
SSPND
IOL = 2 mA
0.5
CLOCK FREQUENCY
Input clock frequency, XTI
11.994
12
12.006
MHz
ADC CHARACTERISTICS
Resolution
8, 16
Bits
Audio data channel
1, 2
Channel
ADC CLOCK FREQUENCY
fS
Sampling frequencies
8, 11.025, 16, 22.05, 32, 44.1, 48
kHz
ADC DC ACCURACY
% of
Gain mismatch, channel-to-channel
±1
±5
FSR
% of
Gain error
±2
±10
FSR
% of
Bipolar zero error
±0
FSR
ADC DYNAMIC PERFORMANCE(1)
VIN = –1 dB
0.01%
0.02%
THD+N
Total harmonic distortion plus noise
VIN = –60 dB
5%
(1)
fIN = 1 kHz, using a System Two™ audio measurement system by Audio Precision™ in RMS mode with a 20-kHz LPF and 400-Hz HPF
in the calculation.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM2903C


Similar Part No. - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com