Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2903C Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM2903C
Description  Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2903C Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM2903C_15 Datasheet HTML 21Page - Texas Instruments PCM2903C_15 Datasheet HTML 22Page - Texas Instruments PCM2903C_15 Datasheet HTML 23Page - Texas Instruments PCM2903C_15 Datasheet HTML 24Page - Texas Instruments PCM2903C_15 Datasheet HTML 25Page - Texas Instruments PCM2903C_15 Datasheet HTML 26Page - Texas Instruments PCM2903C_15 Datasheet HTML 27Page - Texas Instruments PCM2903C_15 Datasheet HTML 28Page - Texas Instruments PCM2903C_15 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
80
70
60
50
40
30
20
10
0
30
35
40
45
50
Sampling Frequency (kHz)
G018
ADC and DAC
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
80
70
60
50
40
30
20
10
0
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
G017
Operational
Suspend
0.008
0.007
0.006
0.005
0.004
0.003
3
3.6
Supply Voltage (V)
G009
3.1
3.2
3.3
3.4
3.5
98
97
96
95
94
93
92
91
90
3
3.6
Supply Voltage (V)
G010
3.1
3.2
3.3
3.4
3.5
SNR
Dynamic Range
0.01
0.009
0.008
0.007
0.006
0.005
0.004
0.003
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
G003
95
93
91
89
87
85
2.8
3
3.2
3.4
3.6
3.8
Supply Voltage (V)
G004
SNR
Dynamic Range
PCM2903C
www.ti.com
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
10.2.2 Detailed Design Procedure
The PCM2903C is a simple design device since it is capable to connect directly to a USB port. Only two external
ICs are needed, a 3.3-V regulator and an AND Gate. The switches connected to the HID ports must be normally
open. Other than this, it only needs decoupling capacitors on the voltage source pins.
10.2.3 Application Curves
Figure 42. ADC Total Harmonic Distortion + Noise at –1 dB
Figure 43. ADC Dynamic Range and SNR vs Supply
vs Supply Voltage
Voltage
Figure 44. DAC Total Harmonic Distortion + Noise at 0 dB
Figure 45. DAC Dynamic Range and SNR vs Supply
vs Supply Voltage
Voltage
Figure 46. Operational and Suspend Supply Current vs
Figure 47. Operational Supply Current vs Sampling
Supply Voltage
Frequency
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: PCM2903C


Similar Part No. - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com