Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2903C Datasheet(PDF) 20 Page - Texas Instruments

Part # PCM2903C
Description  Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2903C Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM2903C_15 Datasheet HTML 16Page - Texas Instruments PCM2903C_15 Datasheet HTML 17Page - Texas Instruments PCM2903C_15 Datasheet HTML 18Page - Texas Instruments PCM2903C_15 Datasheet HTML 19Page - Texas Instruments PCM2903C_15 Datasheet HTML 20Page - Texas Instruments PCM2903C_15 Datasheet HTML 21Page - Texas Instruments PCM2903C_15 Datasheet HTML 22Page - Texas Instruments PCM2903C_15 Datasheet HTML 23Page - Texas Instruments PCM2903C_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
PCM2903C
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
www.ti.com
The built-in digital volume controller can be manipulated by an audio class specific request from 0 dB to –64 dB
in 1-dB steps. Changes are made by incrementing or decrementing by one step (1 dB) for every 1/fS time interval
until the volume level has reached the requested value. Each channel can be set for different values. The master
volume control is not supported. A request to the master volume is stalled and ignored. The built-in digital mute
controller can be manipulated by audio class-specific request. A master mute control request is acceptable. A
request to an individual channel is stalled and ignored.
9.5.2.2 Interface Number 1
Interface number 1 is the audio streaming data-out interface. Interface number 1 has the five alternative settings
described in Table 4. Alternative setting number 0 is the zero-bandwidth setting.
Table 4. Interface Number 1 Alternative Settings
ALTERNATIVE
DATA
TRANSFER
SAMPLING RATE
SETTING
FORMAT
MODE
(kHz)
00
Zero bandwidth
01
16-bit
Stereo
Twos complement (PCM)
Adaptive
32, 44.1, 48
02
16-bit
Mono
Twos complement (PCM)
Adaptive
32, 44.1, 48
03
8-bit
Stereo
Twos complement (PCM)
Adaptive
32, 44.1, 48
04
8-bit
Mono
Twos complement (PCM)
Adaptive
32, 44.1, 48
9.5.2.3 Interface Number 2
Interface number 2 is the audio streaming data-in interface. Interface number 2 has the 19 alternative settings
described in Table 5. Alternative setting number 0 is the zero-bandwidth setting. All other alternative settings are
operational settings.
Table 5. Interface Number 2 Alternative Settings
ALTERNATIVE
DATA
TRANSFER
SAMPLING RATE
SETTING
FORMAT
MODE
(kHz)
00
Zero bandwidth
01
16-bit
Stereo
Twos complement (PCM)
Asynchronous
48
02
16-bit
Mono
Twos complement (PCM)
Asynchronous
48
03
16-bit
Stereo
Twos complement (PCM)
Asynchronous
44.1
04
16-bit
Mono
Twos complement (PCM)
Asynchronous
44.1
05
16-bit
Stereo
Twos complement (PCM)
Asynchronous
32
06
16-bit
Mono
Twos complement (PCM)
Asynchronous
32
07
16-bit
Stereo
Twos complement (PCM)
Asynchronous
22.05
08
16-bit
Mono
Twos complement (PCM)
Asynchronous
22.05
09
16-bit
Stereo
Twos complement (PCM)
Asynchronous
16
0A
16-bit
Mono
Twos complement (PCM)
Asynchronous
16
0B
8-bit
Stereo
Twos complement (PCM)
Asynchronous
16
0C
8-bit
Mono
Twos complement (PCM)
Asynchronous
16
0D
8-bit
Stereo
Twos complement (PCM)
Asynchronous
8
0E
8-bit
Mono
Twos complement (PCM)
Asynchronous
8
0F
16-bit
Stereo
Twos complement (PCM)
Synchronous
11.025
10
16-bit
Mono
Twos complement (PCM)
Synchronous
11.025
11
8-bit
Stereo
Twos complement (PCM)
Synchronous
11.025
12
8-bit
Mono
Twos complement (PCM)
Synchronous
11.025
20
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM2903C


Similar Part No. - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com