Electronic Components Datasheet Search |
|
PCM2903C Datasheet(PDF) 19 Page - Texas Instruments |
|
PCM2903C Datasheet(HTML) 19 Page - Texas Instruments |
19 / 31 page Analog Out Analog In Default End-Point End-Point #2 (IF #1) Audio Streaming Interface End-Point #0 End-Point #4 (IF #2) Audio Streaming Interface End-Point #5 (IF #3) HID Interface IT TID1 FU UID3 OT TID5 OT TID2 IT TID4 Standard Audio Control Interface (IF #0) PCM2903C www.ti.com SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015 The string descriptor contains the information described in Table 3. Table 3. String Descriptor Number 0 0x0409 Number 1 BurrBrown from Texas Instruments Number 2 USB Audio CODEC(1) (1) Ensure that there are two blank spaces between "Audio" and "CODEC"; copying and pasting will not transfer the two blank spaces correctly. 9.5.2 Device Configuration Figure 35 illustrates the USB audio function topology. The PCM2903C has four interfaces. Each interface consists of alternative settings. Figure 35. USB Audio Function Topology 9.5.2.1 Interface Number 0 Interface number 0 is the control interface. Alternative setting number 0 is the only possible setting for interface number 0. Alternative setting number 0 describes the standard audio control interface. The audio control interface consists of a single terminal. The PCM2903C has the following five terminals: • Input terminal (IT number 1) for isochronous-out stream • Output terminal (OT number 2) for audio analog output • Feature unit (FU number 3) for DAC digital attenuator • Input terminal (IT number 4) for audio analog input • Output terminal (OT number 5) for isochronous-in stream Input terminal number 1 is defined as USB stream (terminal type 0x0101). Input terminal number 1 can accept two-channel audio streams consisting of left and right channels. Output terminal number 2 is defined as a speaker (terminal type 0x0301). Input terminal number 4 is defined as a line connector (terminal type 0x0603). Output terminal number 5 is defined as a USB stream (terminal type 0x0101). Output terminal number 5 can generate two-channel audio streams composed of left and right channel data. Feature unit number 3 supports the following sound control features: • Volume control • Mute control Copyright © 2012–2015, Texas Instruments Incorporated Submit Documentation Feedback 19 Product Folder Links: PCM2903C |
Similar Part No. - PCM2903C_15 |
|
Similar Description - PCM2903C_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |