Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2903C Datasheet(PDF) 18 Page - Texas Instruments

Part # PCM2903C
Description  Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2903C Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM2903C_15 Datasheet HTML 14Page - Texas Instruments PCM2903C_15 Datasheet HTML 15Page - Texas Instruments PCM2903C_15 Datasheet HTML 16Page - Texas Instruments PCM2903C_15 Datasheet HTML 17Page - Texas Instruments PCM2903C_15 Datasheet HTML 18Page - Texas Instruments PCM2903C_15 Datasheet HTML 19Page - Texas Instruments PCM2903C_15 Datasheet HTML 20Page - Texas Instruments PCM2903C_15 Datasheet HTML 21Page - Texas Instruments PCM2903C_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
PCM2903C
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
www.ti.com
Feature Description (continued)
9.3.5 Channel Status Information
The channel status information is fixed as consumer application, PCM mode, copyright, and digital/digital
converter. All other bits are fixed as 0's except for the sample frequency, which is set automatically according to
the data received through the USB.
9.3.6 Copyright Management
Isochronous-in data are affected by the serial copy management system (SCMS). When the control bit indicates
that the received digital audio data are original, the input digital audio data are transferred to the host. If the data
are indicated as first generation or higher, the transferred data are routed to the analog input.
Digital audio data output is always encoded as original with SCMS control.
9.4 Device Functional Modes
The PCM2903C is a USB controlled device. The PCM2903C is a codec, so it has analog input (that goes to an
A/D converter) and analog output (that comes from a D/A converter), alongside of the digital path that goes to
USB and S/PDIF. A wider explanation of these operational modes is in Programming.
9.5 Programming
9.5.1 USB Interface
Control data and audio data are transferred to the PCM2903C via D+ (pin 1) and D– (pin 2). All data to and from
the PCM2903C are transferred at full speed. The device descriprtor contains the information described in
Table 1.
Table 1. Device Descriptor
USB revision
2.0 compliant
Device class
0x00 (device-defined interface level)
Device subclass
0x00 (not specified)
Device protocol
0x00 (not specified)
Max packet size for end-point 0
8 bytes
Vendor ID
0x08BB
Product ID
0x29C3
Device release number
1.0 (0x0100)
Number of configurations
1
Vendor strings
String number 1 (see Table 3)
Product strings
String number 2 (see Table 3)
Serial number
Not supported
The configuration descriptor contains the information described in Table 2.
Table 2. Configuration Descriptor
Interface
Four interfaces
Power attribute
0xC0 (self-powered, no remote wakeup)
Maximum power
0x0A (20 mA)
18
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM2903C


Similar Part No. - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com