Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2903C Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM2903C
Description  Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2903C Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM2903C_15 Datasheet HTML 13Page - Texas Instruments PCM2903C_15 Datasheet HTML 14Page - Texas Instruments PCM2903C_15 Datasheet HTML 15Page - Texas Instruments PCM2903C_15 Datasheet HTML 16Page - Texas Instruments PCM2903C_15 Datasheet HTML 17Page - Texas Instruments PCM2903C_15 Datasheet HTML 18Page - Texas Instruments PCM2903C_15 Datasheet HTML 19Page - Texas Instruments PCM2903C_15 Datasheet HTML 20Page - Texas Instruments PCM2903C_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
PCM2903C
www.ti.com
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
9.3 Feature Description
9.3.1 End-Points
The PCM2903C has the following four end-points:
Control end-point (EP number 0)
Isochronous-out audio data stream end-point (EP number 2)
Isochronous-in audio data stream end-point (EP number 4)
HID end-point (EP number 5)
The control end-point is a default end-point. The control end-point is used to control all functions of the
PCM2903C by the standard USB request and an USB audio class specific request from the host. The
isochronous-out audio data stream end-point is an audio sink end-point, which receives the PCM audio data. The
isochronous-out audio data stream end-point accepts the adaptive transfer mode. The isochronous-in audio data
stream end-point is an audio source end-point that transmits the PCM audio data. The isochronous-in audio data
stream end-point uses asynchronous transfer mode. The HID end-point is an interrupt-in end-point. HID end-
point reports HID0, HID1, and HID2 pin status every 32 ms.
The human interface device (HID) pins are defined as consumer control devices. The HID function is designed
as an independent end-point from both isochronous-in and -out end-points. Therefore, the result obtained from
the HID operation depends on the host software. Typically, the HID function is used as the primary audio-out
device.
9.3.2 Clock and Reset
The PCM2903C requires a 12-MHz (±500 ppm) clock for the USB and audio function, which can be generated
by a built-in crystal oscillator with a 12-MHz crystal resonator or supplied by an external clock. The 12-MHz
crystal resonator must be connected to XTI (pin 21) and XTO (pin 20) with one high (1-M
Ω) resistor and two
small capacitors, the capacitance of which depends on the load capacitance of the crystal resonator. If the
external clock is used, the clock must be supplied to XTI, and XTO must be open.
The PCM2903C has an internal power-on reset circuit, which triggers automatically when VDD (pin 27) exceeds
2.5 V typical (2.7 V to 2.2 V). Approximately 700
μs is required until internal reset release.
9.3.3 Digital Audio Interface
The PCM2903C employs both S/PDIF input and output. Isochronous-out data from the host are encoded to the
S/PDIF output and the DAC analog output. Input data are selected as either S/PDIF or ADC analog input. When
the device detects an S/PDIF input and successfully locks on the received data, the isochronous-in transfer data
source is automatically selected from S/PDIF itself; otherwise, the data source selected is the ADC analog input.
This feature is a customer option. It is the responsibility of the user to implement this feature.
9.3.4 Supported Input/Output Data
The following data formats are accepted by the S/PDIF input and output. All other data formats are unable to use
S/PDIF.
48-kHz 16-bit stereo
44.1-kHz 16-bit stereo
32-kHz 16-bit stereo
Any mismatch of the sampling rate between the input S/PDIF signal and the host command is not acceptable.
Any mismatch of the data format between the input S/PDIF signal and the host command may cause unexpected
results, with the following exceptions:
Recording in monaural format from stereo data input at the same data rate
Recording in 8-bit format from 16-bit data input at the same data rate
A combination of these two conditions is not acceptable.
For playback, all possible data-rate sources are converted to 16-bit stereo format at the same source data rate.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: PCM2903C


Similar Part No. - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2903C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com