Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2311 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2311
Description  Stereo Audio Volume Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA2311 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PGA2311 Datasheet HTML 9Page - Texas Instruments PGA2311 Datasheet HTML 10Page - Texas Instruments PGA2311 Datasheet HTML 11Page - Texas Instruments PGA2311 Datasheet HTML 12Page - Texas Instruments PGA2311 Datasheet HTML 13Page - Texas Instruments PGA2311 Datasheet HTML 14Page - Texas Instruments PGA2311 Datasheet HTML 15Page - Texas Instruments PGA2311 Datasheet HTML 16Page - Texas Instruments PGA2311 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
PGA2311
www.ti.com
SBOS218B – DECEMBER 2001 – REVISED JANUARY 2016
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The PGA2311 is commonly used as a digitally controlled analog volume control. Analog volume is controlled
through a serial interface in 0.5-dB steps, ranging from a gain of +31.5 dB down to an attenuation of
−95.5 dB.
8.2 Typical Application
Figure 13 shows the recommended connections for the PGA2311. Power-supply bypass capacitors should be
placed as close to the PGA2311 package as physically possible.
Figure 13. Recommended Connection Diagram
8.2.1 Design Requirements
Wide dynamic range, +35.5 dB to –95.5 dB
Operate from 5-V digital supply and ±5-V analog supplies
Digitally-controlled analog volume
8.2.2 Detailed Design Procedure
The PGA2311 is a complete digitally controlled analog stereo volume controller system on a chip requiring only a
controller to select the gain or attenuation through a serial interface. Figure 13 shows the basic connections to
the PGA2311. Power-supply bypass capacitors should be placed as close to the PGA2311 package as
physically possible.
Copyright © 2001–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: PGA2311


Similar Part No. - PGA2311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
PGA2311P TI-PGA2311P Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311P BURR-BROWN-PGA2311P Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311PA TI-PGA2311PA Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311PA BURR-BROWN-PGA2311PA Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
More results

Similar Description - PGA2311

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com