Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2311 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2311
Description  Stereo Audio Volume Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA2311 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PGA2311 Datasheet HTML 8Page - Texas Instruments PGA2311 Datasheet HTML 9Page - Texas Instruments PGA2311 Datasheet HTML 10Page - Texas Instruments PGA2311 Datasheet HTML 11Page - Texas Instruments PGA2311 Datasheet HTML 12Page - Texas Instruments PGA2311 Datasheet HTML 13Page - Texas Instruments PGA2311 Datasheet HTML 14Page - Texas Instruments PGA2311 Datasheet HTML 15Page - Texas Instruments PGA2311 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
PGA2311
SBOS218B – DECEMBER 2001 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
7.3.5 MUTE Function
Muting can be achieved by either hardware or software control. Hardware muting is accomplished through the
MUTE input, and software muting by loading all zeroes into the volume control register.
MUTE disconnects the internal buffer amplifiers from the output pins and terminates AOUTL and AOUTR with 10-
k
Ω resistors to ground. The mute is activated with a zero crossing detection (independent of the zero cross
enable status), or an 16-ms time-out to eliminate any audible clicks or pops. MUTE also initiates an internal
offset calibration.
A software mute is implemented by loading all zeroes into the volume control register. The internal amplifier is
set to unity gain, with the amplifier input connected to AGND.
7.4 Device Functional Modes
7.4.1 Power
−Up State
On power up, power
−up reset is activated for about 100 ms, during which the circuit is in hardware MUTE state
and all internal flip-flops are reset. At the end of this period, the offset calibration is initiated without any external
signals. Once this has been completed, the gain byte value for both the left and right channels are set to 00HEX,
or the software MUTE condition. The gain remains at this setting until the host controller programs new settings
for for each channel via the serial control port.
If the power supply voltage drops below ±3.2 V during normal operation, the circuit enters a hardware MUTE
state. A power-up sequence initiates if the power supply voltage returns to greater than ±3.2 V.
7.5 Programming
The serial control port is used to program the gain settings for the PGA2311. The serial control port includes
three input pins and one output pin. The inputs include CS (pin 2), SDI (pin 3), and SCLK (pin 6). The sole output
pin is SDO (pin 7).
The CS pin functions as the chip select input. Data may be written to the PGA2311 only when CS is LOW. SDI is
the serial data input pin. Control data is provided as a 16-bit word at the SDI pin, 8 bits each for the left and right
channel gain settings.
Data is formatted as MSB first, in straight binary code. SCLK is the serial clock input. Data is clocked into SDI on
the rising edge of SCLK.
SDO is the serial data output pin, and used when daisy-chaining multiple PGA2311 devices. Daisy-chain
operation is described in Daisy-Chaining Multiple PGA2311 Devices. SDO is a tri-state output, and assumes a
high impedance state when CS is HIGH.
The protocol for the serial control port is shown in Figure 1. See Figure 2 for detailed timing specifications for the
serial control port.
12
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Product Folder Links: PGA2311


Similar Part No. - PGA2311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
PGA2311P TI-PGA2311P Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311P BURR-BROWN-PGA2311P Datasheet
592Kb / 17P
Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311PA TI-PGA2311PA Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311PA BURR-BROWN-PGA2311PA Datasheet
592Kb / 17P
Stereo Audio VOLUME CONTROL
More results

Similar Description - PGA2311

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com