Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2311 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2311
Description  Stereo Audio Volume Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA2311 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PGA2311 Datasheet HTML 6Page - Texas Instruments PGA2311 Datasheet HTML 7Page - Texas Instruments PGA2311 Datasheet HTML 8Page - Texas Instruments PGA2311 Datasheet HTML 9Page - Texas Instruments PGA2311 Datasheet HTML 10Page - Texas Instruments PGA2311 Datasheet HTML 11Page - Texas Instruments PGA2311 Datasheet HTML 12Page - Texas Instruments PGA2311 Datasheet HTML 13Page - Texas Instruments PGA2311 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PGA2311
SBOS218B – DECEMBER 2001 – REVISED JANUARY 2016
www.ti.com
7 Detailed Description
7.1 Overview
The PGA2311 is a stereo audio volume control that can be used in a wide array of professional and consumer
audio equipment. The PGA2311 is fabricated in a sub
−micron CMOS process.
The heart of the PGA2311 is a resistor network, an analog switch array, and a high
−performance operational
amplifier stage. The switches select taps in the resistor network that determine the gain of the amplifier stage.
Switch selections are programmed using a serial control port. The serial port allows connection to a wide variety
of host controllers. Functional Block Diagram shows a model diagram of the PGA2311.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Analog Inputs and Outputs
The PGA2311 includes two independent channels (referred to as the left and right channels). Each channel has
a corresponding input and output pin. The input and output pins are unbalanced, or referenced to analog ground
(either AGNDR or AGNDL). The inputs are VINR (pin 9) and VINL (pin 16), while the outputs are VOUTR (pin 11)
and VOUTL (pin 14). The input and output pins may swing within 1.25 V of the analog power supplies, VA+ (pin
12) and VA− (pin 13). Given VA+ = +5 V and VA− = −5 V, the maximum input or output voltage range is 7.5 Vp-p.
For optimal performance, drive the PGA2311 with a low source impedance. A source impedance of 600
Ω or less
is recommended. Source impedances up to 2 k
Ω cause minimal degradation of THD+N. Refer to Figure 8 for
more details.
7.3.2 Gain Settings
The gain for each channel is set by its corresponding 8
−bit code, either R[7:0] or L[7:0] (see Figure 1). The gain
code data is straight binary format. If N equals the decimal equivalent of R[7:0] or L[7:0], then the following
relationships exist for the gain settings:
For N = 0: Mute Condition. The input multiplexer is connected to analog ground (AGNDR or AGNDL).
For N = 1 to 255: Gain (dB) = 31.5
− [0.5 w (255 − N)]
10
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Product Folder Links: PGA2311


Similar Part No. - PGA2311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
PGA2311P TI-PGA2311P Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311P BURR-BROWN-PGA2311P Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311PA TI-PGA2311PA Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311PA BURR-BROWN-PGA2311PA Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
More results

Similar Description - PGA2311

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com