Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2311 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2311
Description  Stereo Audio Volume Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA2311 Datasheet(HTML) 2 Page - Texas Instruments

  PGA2311 Datasheet HTML 1Page - Texas Instruments PGA2311 Datasheet HTML 2Page - Texas Instruments PGA2311 Datasheet HTML 3Page - Texas Instruments PGA2311 Datasheet HTML 4Page - Texas Instruments PGA2311 Datasheet HTML 5Page - Texas Instruments PGA2311 Datasheet HTML 6Page - Texas Instruments PGA2311 Datasheet HTML 7Page - Texas Instruments PGA2311 Datasheet HTML 8Page - Texas Instruments PGA2311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
PGA2311
SBOS218B – DECEMBER 2001 – REVISED JANUARY 2016
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 12
1
Features .................................................................. 1
7.5
Programming .......................................................... 12
2
Applications ........................................................... 1
8
Application and Implementation ........................ 13
3
Description ............................................................. 1
8.1
Application Information............................................ 13
4
Revision History..................................................... 2
8.2
Typical Application ................................................. 13
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 14
6
Specifications......................................................... 4
10
Layout................................................................... 15
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 15
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 15
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 16
6.4
Thermal Information .................................................. 4
11.1
Documentation Support ....................................... 16
6.5
Electrical Characteristics........................................... 5
11.2
Community Resources.......................................... 16
6.6
Typical Characteristics .............................................. 8
11.3
Trademarks ........................................................... 16
7
Detailed Description ............................................ 10
11.4
Electrostatic Discharge Caution ............................ 16
7.1
Overview ................................................................. 10
11.5
Glossary ................................................................ 16
7.2
Functional Block Diagram ....................................... 10
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 10
Information ........................................................... 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (June 2002) to Revision B
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
2
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Product Folder Links: PGA2311


Similar Part No. - PGA2311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
PGA2311P TI-PGA2311P Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311P BURR-BROWN-PGA2311P Datasheet
592Kb / 17P
Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311PA TI-PGA2311PA Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311PA BURR-BROWN-PGA2311PA Datasheet
592Kb / 17P
Stereo Audio VOLUME CONTROL
More results

Similar Description - PGA2311

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
20-Bit Stereo Audio Codec with Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
Stereo Audio Volume Control
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
Stereo Audio VOLUME CONTROL
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
2.4W Stereo Audio Amplifier with DC Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com