Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2311 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2311
Description  Stereo Audio Volume Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA2311 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PGA2311 Datasheet HTML 13Page - Texas Instruments PGA2311 Datasheet HTML 14Page - Texas Instruments PGA2311 Datasheet HTML 15Page - Texas Instruments PGA2311 Datasheet HTML 16Page - Texas Instruments PGA2311 Datasheet HTML 17Page - Texas Instruments PGA2311 Datasheet HTML 18Page - Texas Instruments PGA2311 Datasheet HTML 19Page - Texas Instruments PGA2311 Datasheet HTML 20Page - Texas Instruments PGA2311 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Apr-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PGA2311P
ACTIVE
PDIP
N
16
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
PGA2311P
PGA2311PA
ACTIVE
PDIP
N
16
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
PGA2311P
A
PGA2311PAG4
ACTIVE
PDIP
N
16
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
PGA2311P
A
PGA2311PG4
ACTIVE
PDIP
N
16
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
PGA2311P
PGA2311U
ACTIVE
SOIC
DW
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
PGA2311U
PGA2311U/1K
ACTIVE
SOIC
DW
16
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
PGA2311U
PGA2311U/1KG4
ACTIVE
SOIC
DW
16
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
PGA2311U
PGA2311UA
ACTIVE
SOIC
DW
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
PGA2311U
A
PGA2311UA/1K
ACTIVE
SOIC
DW
16
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
PGA2311U
A
PGA2311UAG4
ACTIVE
SOIC
DW
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
PGA2311U
A
PGA2311UG4
ACTIVE
SOIC
DW
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
PGA2311U
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.


Similar Part No. - PGA2311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
PGA2311P TI-PGA2311P Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311P BURR-BROWN-PGA2311P Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311PA TI-PGA2311PA Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311PA BURR-BROWN-PGA2311PA Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
More results

Similar Description - PGA2311

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com