Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4120 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM4120
Description  Precision Micropower Low Dropout Voltage Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4120 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4120 Datasheet HTML 6Page - Texas Instruments LM4120 Datasheet HTML 7Page - Texas Instruments LM4120 Datasheet HTML 8Page - Texas Instruments LM4120 Datasheet HTML 9Page - Texas Instruments LM4120 Datasheet HTML 10Page - Texas Instruments LM4120 Datasheet HTML 11Page - Texas Instruments LM4120 Datasheet HTML 12Page - Texas Instruments LM4120 Datasheet HTML 13Page - Texas Instruments LM4120 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LM4120
SNVS049D – FEBRUARY 2000 – REVISED JULY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM4120 device is a precision bandgap voltage reference available in seven different voltage options with up
to 5-mA current source and sink capability. This series reference can operate with input voltages from 2 V to
12 V while consuming 160-µA (typical) supply current. In power-down mode, device current drops to less than
2
μA. The LM4120 is available in two grades, A and Standard.
The best grade devices (A) have an initial accuracy of 0.2% with a TEMPCO of 50 ppm/°C ensured from
−40°C
to 125°C.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Enable
The ENABLE analog input pin with limited hysteresis generally requires 6 µA (typical) of current to start up the
part. During normal operation, the Enable pin must be connected to the VIN pin. There is a minimum slew rate
on this pin of about 0.003 V/
μs to prevent glitches on the output. All of these conditions can easily be met with
ordinary CMOS or TTL logic. The Enable pin can also be used to remotely operate the LM4120 by pulling up the
Enable pin voltage to the input voltage level.
When remotely shutting down the LM4120, the Enable pin must be pulled down to the ground. Floating this pin is
not recommended.
7.3.2 Reference
The REF pin must remain unconnected in all cases. The reference pin is sensitive to noise, and capacitive
loading. Therefore, during the PCB layout care must be taken to keep this pin isolated as much as possible.
7.4 Device Functional Modes
Table 1 describes the functional modes of the LM4120.
Table 1. Enable Pin Mode Summary
ENABLE PIN CONNECTION
LOGIC STATE
DESCRIPTION
EN = VIN
1
Normal Operation. LM4120 starts up.
EN = GND
0
LM4120 in shutdown mode
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM4120


Similar Part No. - LM4120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120AI-4.1 NSC-LM4120AI-4.1 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4120AIM5-1.8 NSC-LM4120AIM5-1.8 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4120AIM5-1.8 NSC-LM4120AIM5-1.8 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
More results

Similar Description - LM4120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
LM4121 Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com