Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4120 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4120
Description  Precision Micropower Low Dropout Voltage Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4120 Datasheet(HTML) 1 Page - Texas Instruments

  LM4120 Datasheet HTML 1Page - Texas Instruments LM4120 Datasheet HTML 2Page - Texas Instruments LM4120 Datasheet HTML 3Page - Texas Instruments LM4120 Datasheet HTML 4Page - Texas Instruments LM4120 Datasheet HTML 5Page - Texas Instruments LM4120 Datasheet HTML 6Page - Texas Instruments LM4120 Datasheet HTML 7Page - Texas Instruments LM4120 Datasheet HTML 8Page - Texas Instruments LM4120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LM4120
SNVS049D – FEBRUARY 2000 – REVISED JULY 2015
LM4120 Precision Micropower Low Dropout Voltage Reference
1 Features
3 Description
The LM4120 device is a precision low-power, low
1
Small SOT23-5 Package
dropout bandgap voltage reference with up to 5-mA
Low Dropout Voltage: 120 mV Typical at 1 mA
output current source and sink capability.
High Output Voltage Accuracy: 0.2%
This series reference operates with input voltages as
Source and Sink Current Output: ±5 mA
low as 2 V and up to 12 V, consuming 160-µA
Supply Current: 160
μA Typical
(typical) supply current. In power-down mode, device
current drops to less than 2
μA.
Low Temperature Coefficient: 50 ppm/°C
Enable Pin
The LM4120 comes in two grades (A and Standard)
and seven voltage options for greater flexibility. The
Fixed Output Voltages: 1.8, 2.048, 2.5, 3, 3.3,
best grade devices (A) have an initial accuracy of
4.096, and 5 V
0.2%, while the standard have an initial accuracy of
Industrial Temperature Range:
−40°C to 85°C
0.5%,
both
with
a
temperature
coefficient
of
(For Extended Temperature Range,
−40°C to
50 ppm/°C ensured from
−40°C to 125°C.
125°C, Contact TI)
The very low dropout voltage, low supply current, and
power-down capability of the LM4120 make this
2 Applications
product an ideal choice for battery-powered and
portable applications.
Portable, Battery-Powered Equipment
Instrumentation and Process Control
The device performance is ensured over the industrial
temperature range (
−40°C to 85°C), while certain
Automotive and Industrial
specifications
are
ensured
over
the
extended
Test Equipment
temperature range (
−40°C to 125°C). Contact TI for
Data Acquisition Systems
full specifications over the extended temperature
range. The LM4120 is available in a standard 5-pin
Precision Regulators
SOT-23 package.
Battery Chargers
Base Stations
Device Information(1)
Communications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Medical Equipment
LM4120
SOT-23 (5)
1.60 mm × 2.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM4120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120AI-4.1 NSC-LM4120AI-4.1 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4120AIM5-1.8 NSC-LM4120AIM5-1.8 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4120AIM5-1.8 NSC-LM4120AIM5-1.8 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
More results

Similar Description - LM4120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM4121 Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com