Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4120 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4120
Description  Precision Micropower Low Dropout Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4120 Datasheet(HTML) 4 Page - Texas Instruments

  LM4120 Datasheet HTML 1Page - Texas Instruments LM4120 Datasheet HTML 2Page - Texas Instruments LM4120 Datasheet HTML 3Page - Texas Instruments LM4120 Datasheet HTML 4Page - Texas Instruments LM4120 Datasheet HTML 5Page - Texas Instruments LM4120 Datasheet HTML 6Page - Texas Instruments LM4120 Datasheet HTML 7Page - Texas Instruments LM4120 Datasheet HTML 8Page - Texas Instruments LM4120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM4120
SNVS049D – FEBRUARY 2000 – REVISED JULY 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Ambient temperature
–40
85
°C
Junction temperature
–40
125
°C
6.4 Thermal Information
LM4120
THERMAL METRIC(1)
DBV [SOT-23]
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
170.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
123.9
°C/W
RθJB
Junction-to-board thermal resistance
30.4
°C/W
ψJT
Junction-to-top characterization parameter
17.2
°C/W
ψJB
Junction-to-board characterization parameter
29.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
unless otherwise specified, VIN = 3.3 V, ILOAD = 0, COUT = 0.01 µF, TA = Tj = 25°C.
PARAMETER
TEST CONDITIONS
MIN (1)
TYP (2)
MAX (1)
UNIT
1.8 V, 2.048 V, AND 2.5 V
Output voltage initial
accuracy
LM4120A-1.800
±0.2%
LM4120A-2.048
VOUT
LM4120A-2.500
LM4120-1.800
LM4120-2.048
±0.5%
LM4120-2.500
TCVOUT/°C
Temperature coefficient
–40°C
≤ TA ≤ +125°C
14
50
ppm/°c
0.0007
0.008
ΔVOUT/ΔVIN
Line regulation
3.3 V
≤ VIN ≤ 12 V
%/V
–40°C
≤ TA ≤ 85°C
0.01
0.03
0.08
0 mA
≤ ILOAD ≤ 1 mA
–40°C
≤ TA ≤ 85°C
0.17
0.01
0.04
ΔVOUT/ΔILOAD
Load regulation
1 mA
≤ ILOAD ≤ 5 mA
%/mA
–40°C
≤ TA ≤ 85°C
0.1
–1 mA
≤ ILOAD ≤ 0 mA
0.04
0.12
–5 mA
≤ ILOAD ≤ −1 mA
0.01
45
65
ILOAD = 0 mA
–40°C
≤ TA ≤ 85°C
80
120
150
VIN−VOUT
Dropout voltage (3)
ILOAD = 1 mA
mV
–40°C
≤ TA ≤ 85°C
180
180
210
ILOAD = 5 mA
–40°C
≤ TA ≤ 85°C
250
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate TI's Averaging Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Dropout voltage is the differential voltage between VOUT and VIN at which VOUT changes ≤ 1% from VOUT at VIN = 3.3 V for 1.8 V, 2 V,
2.5 V, and VOUT + 1 V for others. For 1.8-V option, dropout voltage is not ensured over temperature. A parasitic diode exists between
input and output pins; it will conduct if VOUT is pulled to a higher voltage than VIN.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM4120


Similar Part No. - LM4120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120AI-4.1 NSC-LM4120AI-4.1 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4120AIM5-1.8 NSC-LM4120AIM5-1.8 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4120AIM5-1.8 NSC-LM4120AIM5-1.8 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
More results

Similar Description - LM4120

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
LM4121 Precision Micropower Low Dropout Voltage Reference
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com