Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1702-Q1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1702-Q1
Description  microPower Comparator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1702-Q1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV1702-Q1 Datasheet HTML 8Page - Texas Instruments TLV1702-Q1 Datasheet HTML 9Page - Texas Instruments TLV1702-Q1 Datasheet HTML 10Page - Texas Instruments TLV1702-Q1 Datasheet HTML 11Page - Texas Instruments TLV1702-Q1 Datasheet HTML 12Page - Texas Instruments TLV1702-Q1 Datasheet HTML 13Page - Texas Instruments TLV1702-Q1 Datasheet HTML 14Page - Texas Instruments TLV1702-Q1 Datasheet HTML 15Page - Texas Instruments TLV1702-Q1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Vin
5 V
5 V
Rh
576 k
Ÿ
Rx
100 k
Ÿ
Ry
100 k
Ÿ
Vout
-
+
+V
5 V
Rp
5 k
Ÿ
TLV1702-Q1, TLV1704-Q1
SLOS890A – NOVEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TLV170x-Q1 device can be used in a wide variety of applications, such as zero crossing detectors, window
comparators, over and undervoltage detectors, and high-side voltage sense circuits.
9.2 Typical Application
Comparators are used to differentiate between two different signal levels. For example, a comparator
differentiates between an overtemperature and normal-temperature condition. However, noise or signal variation
at the comparison threshold causes multiple transitions. This application example sets upper and lower
hysteresis thresholds to eliminate the multiple transitions caused by noise.
Figure 20. Comparator Schematic with Hysteresis
9.2.1 Design Requirements
The design requirements are as follows:
Supply voltage: 5 V
Input: 0 V to 5 V
Lower threshold (VL) = 2.3 V ±0.1 V
Upper threshold (VH) = 2.7 V ±0.1 V
VH – VL = 2.4 V ±0.1 V
Low-power consumption
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TLV1702-Q1 TLV1704-Q1


Similar Part No. - TLV1702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 27P
2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 29P
TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1702-Q1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
Dual Micropower Comparator
logo
Vishay Siliconix
L161 VISHAY-L161 Datasheet
617Kb / 11P
MicroPower Quad Comparator
logo
Linear Technology
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
Micropower Regulator and Comparator
LT1017 LINER-LT1017_1 Datasheet
222Kb / 16P
Micropower Dual Comparator
LTC1040 LINER-LTC1040_09 Datasheet
221Kb / 12P
Dual Micropower Comparator
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
Dual Micropower Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
Micropower Dual Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
Micropower Dual Comparator
logo
Texas Instruments
TLV1701 TI1-TLV1701_15 Datasheet
2Mb / 33P
microPower Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com