Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1702-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1702-Q1
Description  microPower Comparator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1702-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1702-Q1 Datasheet HTML 5Page - Texas Instruments TLV1702-Q1 Datasheet HTML 6Page - Texas Instruments TLV1702-Q1 Datasheet HTML 7Page - Texas Instruments TLV1702-Q1 Datasheet HTML 8Page - Texas Instruments TLV1702-Q1 Datasheet HTML 9Page - Texas Instruments TLV1702-Q1 Datasheet HTML 10Page - Texas Instruments TLV1702-Q1 Datasheet HTML 11Page - Texas Instruments TLV1702-Q1 Datasheet HTML 12Page - Texas Instruments TLV1702-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
0
5
10
15
20
25
30
0
6
12
18
24
30
36
Supply Voltage (V)
C016
V
S = 2.2 V
Offset Voltage (mV)
0
5
10
15
20
25
30
D005
Offset Voltage (mV)
0
5
10
15
20
25
30
35
D004
TLV1702-Q1, TLV1704-Q1
www.ti.com
SLOS890A – NOVEMBER 2015 – REVISED DECEMBER 2015
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, RPULLUP = 5.1 kΩ, and input overdrive = 100 mV (unless otherwise noted)
VS = 2.2 V
Overdrive = 100 mV
VS = 2.2 V
Overdrive = 100
mV
Figure 13. Propagation Delay (TpLH)
Figure 14. Propagation Delay (TpHL)
VS = ±18 V
Distribution taken from 2524 comparators
VS = 2.2 V
Distribution taken from 2524 comparators
Figure 15. Offset Voltage Production Distribution
Figure 16. Offset Voltage Production Distribution
Sink current
Figure 17. Short-Circuit Current vs Supply Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV1702-Q1 TLV1704-Q1


Similar Part No. - TLV1702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 27P
2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 29P
TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701 TI1-TLV1701_15 Datasheet
2Mb / 33P
microPower Comparator
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
Micropower Dual Comparator
logo
Vishay Siliconix
L161 VISHAY-L161 Datasheet
617Kb / 11P
MicroPower Quad Comparator
logo
Linear Technology
LTC1040 LINER-LTC1040_09 Datasheet
221Kb / 12P
Dual Micropower Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
Micropower Dual Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
Dual Micropower Comparator
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
Dual Micropower Comparator
LT1017 LINER-LT1017_1 Datasheet
222Kb / 16P
Micropower Dual Comparator
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
Micropower Regulator and Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com