Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1701AIDRLR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1701AIDRLR
Description  microPower Comparator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1701AIDRLR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV1701AIDRLR Datasheet HTML 10Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 11Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 12Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 13Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 14Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 15Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 16Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 17Page - Texas Instruments TLV1701AIDRLR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
TLV1701, TLV1702, TLV1704
SBOS589D – DECEMBER 2013 – REVISED JUNE 2015
www.ti.com
Typical Application (continued)
9.2.2 Detailed Design Procedure
Make a small change to the comparator circuit to add hysteresis. Hysteresis uses two different threshold voltages
to avoid the multiple transitions introduced in the previous circuit. The input signal must exceed the upper
threshold (VH) to transition low, or below the lower threshold (VL) to transition high.
Figure 20 illustrates hysteresis on a comparator. Resistor Rh sets the hysteresis level. An open-collector output
stage requires a pullup resistor (Rp). The pullup resistor creates a voltage divider at the comparator output that
introduces an error when the output is at logic high. This error can be minimized if Rh > 100Rp.
When the output is at a logic high (5 V), Rh is in parallel with Rx (ignoring Rp). This configuration drives more
current into Ry, and raises the threshold voltage (VH) to 2.7 V. The input signal must drive above VH = 2.7 V to
cause the output to transition to logic low (0 V).
When the output is at logic low (0 V), Rh is in parallel with Ry. This configuration reduces the current into Ry, and
reduces the threshold voltage to 2.3 V. The input signal must drive below VL = 2.3 V to cause the output to
transition to logic high (5 V).
For more details on this design and other alternative devices that can be used in place of the TLV1702, refer to
Precision Design TIPD144, Comparator with Hysteresis Reference Design.
9.2.3 Application Curve
Figure 21 shows the upper and lower thresholds for hysteresis. The upper threshold is 2.76 V and the lower
threshold is 2.34 V, both of which are close to the design target.
Figure 21. TLV1701 Upper and Lower Threshold with Hysteresis
10 Power Supply Recommendations
The TLV170x is specified for operation from 2.2 V to 36 V (±1.1 to ±18 V); many specifications apply from –40°C
to +125°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature are
presented in the Typical Characteristics section.
CAUTION
Supply voltages larger than 40 V can permanently damage the device; see the
Absolute Maximum Ratings.
Place 0.1-
μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement; see the Layout
Guidelines section.
14
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV1701 TLV1702 TLV1704


Similar Part No. - TLV1701AIDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701AQDCKRQ1 TI1-TLV1701AQDCKRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701AQDCKTQ1 TI1-TLV1701AQDCKTQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1701AIDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
   Micropower Dual Comparator
logo
Vishay Siliconix
L161 VISHAY-L161 Datasheet
617Kb / 11P
   MicroPower Quad Comparator
logo
Linear Technology
LTC1040 LINER-LTC1040_09 Datasheet
221Kb / 12P
   Dual Micropower Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
   Dual Micropower Comparator
LT1017 LINER-LT1017_1 Datasheet
222Kb / 16P
   Micropower Dual Comparator
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com