Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM193H Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM193H
Description  Low-Power, Low-Offset Voltage, Dual Comparators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM193H Datasheet(HTML) 1 Page - Texas Instruments

  LM193H Datasheet HTML 1Page - Texas Instruments LM193H Datasheet HTML 2Page - Texas Instruments LM193H Datasheet HTML 3Page - Texas Instruments LM193H Datasheet HTML 4Page - Texas Instruments LM193H Datasheet HTML 5Page - Texas Instruments LM193H Datasheet HTML 6Page - Texas Instruments LM193H Datasheet HTML 7Page - Texas Instruments LM193H Datasheet HTML 8Page - Texas Instruments LM193H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM193-N, LM2903-N, LM293-N, LM393-N
SNOSBJ6F – OCTOBER 1999 – REVISED DECEMBER 2014
LMx93-N, LM2903-N Low-Power, Low-Offset Voltage, Dual Comparators
1 Features
3 Description
The LM193-N series consists of two independent
1
Wide Supply
precision voltage comparators with an offset voltage
Voltage Range: 2.0 V to 36 V
specification as low as 2.0 mV max for two
Single or Dual Supplies: ±1.0 V to ±18 V
comparators which were designed specifically to
operate from a single power supply over a wide range
Very Low Supply Current Drain (0.4 mA) —
of voltages. Operation from split power supplies is
Independent of Supply Voltage
also possible and the low power supply current drain
Low Input Biasing Current: 25 nA
is independent of the magnitude of the power supply
Low Input Offset Current: ±5 nA
voltage. These comparators also have a unique
characteristic in that the input common-mode voltage
Maximum Offset voltage: ±3 mV
range includes ground, even though operated from a
Input Common-Mode Voltage Range Includes
single power supply voltage.
Ground
Application areas include limit comparators, simple
Differential Input Voltage Range Equal to the
analog to digital converters; pulse, squarewave and
Power Supply Voltage
time delay generators; wide range VCO; MOS clock
Low Output Saturation Voltage: 250 mV at 4 mA
timers; multivibrators and high voltage digital logic
Output Voltage Compatible with TTL, DTL, ECL,
gates. The LM193-N series was designed to directly
interface with TTL and CMOS. When operated from
MOS and CMOS logic systems
both plus and minus power supplies, the LM19-N
Available in the 8-Bump (12 mil) DSBGA Package
series will directly interface with MOS logic where
See AN-1112 (SNVA009) for DSBGA
their low power drain is a distinct advantage over
Considerations
standard comparators.
Advantages
The LM393 and LM2903 parts are available in TI’s
High Precision Comparators
innovative thin DSBGA package with 8 (12 mil) large
bumps.
Reduced VOS Drift Over Temperature
Eliminates Need for Dual Supplies
Device Information(1)
Allows Sensing Near Ground
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Compatible with All Forms of Logic
LM193-N
TO-99 (8)
9.08 mm x 9.08 mm
Power Drain Suitable for Battery Operation
LM293-N
LM393-N
SOIC (8)
4.90 mm x 3.91 mm
2 Applications
LM2903-N
Battery powered applications
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Industrial applications
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM193H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM193H NSC-LM193H Datasheet
322Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193H TI1-LM193H Datasheet
1Mb / 24P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193H** TI1-LM193H* Datasheet
447Kb / 17P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
National Semiconductor ...
LM193H-MLS NSC-LM193H-MLS Datasheet
322Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193H-MLS TI1-LM193H-MLS Datasheet
447Kb / 17P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - LM193H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com