Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM193H Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM193H
Description  Low-Power, Low-Offset Voltage, Dual Comparators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM193H Datasheet(HTML) 2 Page - Texas Instruments

  LM193H Datasheet HTML 1Page - Texas Instruments LM193H Datasheet HTML 2Page - Texas Instruments LM193H Datasheet HTML 3Page - Texas Instruments LM193H Datasheet HTML 4Page - Texas Instruments LM193H Datasheet HTML 5Page - Texas Instruments LM193H Datasheet HTML 6Page - Texas Instruments LM193H Datasheet HTML 7Page - Texas Instruments LM193H Datasheet HTML 8Page - Texas Instruments LM193H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
SNOSBJ6F – OCTOBER 1999 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
2
Applications ........................................................... 1
8.2
Functional Block Diagram ....................................... 10
3
Description ............................................................. 1
8.3
Feature Description................................................. 10
4
Simplified Schematic............................................. 1
8.4
Device Functional Modes........................................ 10
5
Revision History..................................................... 2
9
Application and Implementation ........................ 11
6
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 11
7
Specifications......................................................... 4
9.2
Typical Applications ................................................ 11
7.1
Absolute Maximum Ratings ..................................... 4
10
Power Supply Recommendations ..................... 18
7.2
ESD Ratings ............................................................ 4
11
Layout................................................................... 18
7.3
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 18
7.4
Thermal Information .................................................. 5
11.2
Layout Example .................................................... 18
7.5
Electrical Characteristics: LM193A V+= 5 V, TA =
25°C ........................................................................... 5
12
Device and Documentation Support ................. 19
7.6
Electrical Characteristics: LM193A (V+ = 5 V) ......... 5
12.1
Related Links ........................................................ 19
7.7
Electrical Characteristics: LMx93 and LM2903 V+= 5
12.2
Trademarks ........................................................... 19
V, TA = 25°C .............................................................. 6
12.3
Electrostatic Discharge Caution ............................ 19
7.8
Electrical Characteristics: LMx93 and LM2903 (V+ =
12.4
Glossary ................................................................ 19
5 V)(1) ......................................................................... 7
13
Mechanical, Packaging, and Orderable
7.9
Typical Characteristics: LMx93 and LM193A............ 8
Information ........................................................... 19
7.10
Typical Characteristics: LM2903 ............................ 9
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (March 2013) to Revision F
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision D (March 2013) to Revision E
Page
Changed layout of National Data Sheet to TI format ............................................................................................................ 1
2
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Similar Part No. - LM193H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM193H NSC-LM193H Datasheet
322Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193H TI1-LM193H Datasheet
1Mb / 24P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193H** TI1-LM193H* Datasheet
447Kb / 17P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
National Semiconductor ...
LM193H-MLS NSC-LM193H-MLS Datasheet
322Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193H-MLS TI1-LM193H-MLS Datasheet
447Kb / 17P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - LM193H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com