Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM319M Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM319M
Description  High Speed Dual Comparator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM319M Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM319M Datasheet HTML 9Page - Texas Instruments LM319M Datasheet HTML 10Page - Texas Instruments LM319M Datasheet HTML 11Page - Texas Instruments LM319M Datasheet HTML 12Page - Texas Instruments LM319M Datasheet HTML 13Page - Texas Instruments LM319M Datasheet HTML 14Page - Texas Instruments LM319M Datasheet HTML 15Page - Texas Instruments LM319M Datasheet HTML 16Page - Texas Instruments LM319M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Jan-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM119H
ACTIVE
TO-100
LME
10
500
TBD
Call TI
Call TI
-55 to 125
( LM119H ~ LM119H)
LM119H/NOPB
ACTIVE
TO-100
LME
10
500
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
-55 to 125
( LM119H ~ LM119H)
LM119J
ACTIVE
CDIP
J
14
25
TBD
Call TI
Call TI
-55 to 125
LM119J
LM319AM
NRND
SOIC
D
14
55
TBD
Call TI
Call TI
0 to 70
LM319AM
LM319AM/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
LM319AM
LM319AMX
NRND
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
LM319AM
LM319AMX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
LM319AM
LM319M
NRND
SOIC
D
14
55
TBD
Call TI
Call TI
0 to 70
LM319M
LM319M/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
LM319M
LM319MX
NRND
SOIC
D
14
TBD
Call TI
Call TI
0 to 70
LM319M
LM319MX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
LM319M
LM319N/NOPB
ACTIVE
PDIP
NFF
14
25
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
0 to 70
LM319N
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Similar Part No. - LM319M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM319M NSC-LM319M Datasheet
329Kb / 11P
High Speed Dual Comparator
logo
Fairchild Semiconductor
LM319M FAIRCHILD-LM319M Datasheet
111Kb / 10P
Dual Comparator
LM319M FAIRCHILD-LM319M Datasheet
174Kb / 8P
Dual Comparator
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
High Speed Dual Comparator
More results

Similar Description - LM319M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
LM119QML High Speed Dual Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
Dual 8ns High-Speed Comparator
logo
Texas Instruments
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com