Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM319M Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM319M
Description  High Speed Dual Comparator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM319M Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM319M Datasheet HTML 13Page - Texas Instruments LM319M Datasheet HTML 14Page - Texas Instruments LM319M Datasheet HTML 15Page - Texas Instruments LM319M Datasheet HTML 16Page - Texas Instruments LM319M Datasheet HTML 17Page - Texas Instruments LM319M Datasheet HTML 18Page - Texas Instruments LM319M Datasheet HTML 19Page - Texas Instruments LM319M Datasheet HTML 20Page - Texas Instruments LM319M Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MECHANICAL DATA
MMBC006 – MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LME (O–MBCY–W10)
METAL CYLINDRICAL PACKAGE
7
8
4202488/A 03/01
0.335 (8,51)
0.370 (9,40)
0.335 (8,51)
0.305 (7,75)
0.185 (4,70)
0.165 (4,19)
0.500 (12,70) MIN
0.010 (0,25)
0.040 (1,02)
0.040 (1,02)
0.010 (0,25)
0.016 (0,41)
0.021 (0,53)
0.045 (1,14)
0.029 (0,74)
0.028 (0,71)
0.034 (0,86)
0.120 (3,05)
0.160 (4,06)
0.120 (3,05)
0.110 (2,79)
ø
ø
ø
ø
Seating
Plane
36°
3
1
10
9
4
5
6
2
0.230 (5,84)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Leads in true position within 0.010 (0,25) R @ MMC at seating plane.
D. Pin numbers shown for reference only. Numbers may not be marked on package.
E. Falls within JEDEC MO–006/TO-100.


Similar Part No. - LM319M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM319M NSC-LM319M Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Fairchild Semiconductor
LM319M FAIRCHILD-LM319M Datasheet
111Kb / 10P
   Dual Comparator
LM319M FAIRCHILD-LM319M Datasheet
174Kb / 8P
   Dual Comparator
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
More results

Similar Description - LM319M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
logo
Texas Instruments
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com