Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KFL-1ML-N Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KFL-1ML-N
Description  Infrared Emitting Diodes(GaAIAs)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KFL-1ML-N Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KFL-1ML-N Datasheet HTML 1Page - KODENSHI_AUK CORP. KFL-1ML-N Datasheet HTML 2Page - KODENSHI_AUK CORP. KFL-1ML-N Datasheet HTML 3Page - KODENSHI_AUK CORP. KFL-1ML-N Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Infrared Emitting Diodes(GaAIAs)
8. Typical Electrical-optical Characteristics Curves
■Power dissipation Vs.
■Radiant intensity Vs.
Ambient temperature
Forward current
Ambient temperature
■ Relative intensity Vs.
■ Forward current Vs.
Radiant Pattern
Wavelength
Forward voltage
■ Relative radiant intensity Vs.
Distance
3/4
KKC-QM-043-2
KFL-1ML-N
Relative radiant intensity Vs.
1
10
100
(㎜)
Distance(ℓ)
10
(㎃)
Forward current(I )
10
10
10
0
1
2
3
10-2
-1
10
100
1
10
(㎽)
F
Ta=25℃
40
Ambient temperature(Ta)
0
-20
20
0.1
1
(℃)
80
60
100
10
Ta=25℃
Forward voltage(V )
0
0
0.5
50
1.5
1.0
2.0
F
(㎃)
100
(V)
1
100
10
(%)
Ta=25℃
Relative Sensitivity(%)
Angle(deg.)
-20
100
+40
50
0
50
+20
0
100
-40
50
Ta=25℃
0
0
80
Ambient temperature Ta
30
60
120
90
(℃)
160
(㎽)
120
40
200
150
80
500
20
400
0
40
60
700
Wavelength(λ)
600
800 900
(㎚)
1000 1100
Ta=25℃
100
(%)


Similar Part No. - KFL-1ML-N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
KFL VBSEMI-KFL Datasheet
790Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - KFL-1ML-N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KBL-1KL3 KODENSHI-KBL-1KL3 Datasheet
41Kb / 2P
Infrared Emitting Diodes(GaAIAs)
logo
OPTEK Technologies
OP240A OPTEK-OP240A Datasheet
400Kb / 2P
GAAIAS PLASTIC INFRARED EMITTING DIODES
OP245A OPTEK-OP245A Datasheet
360Kb / 2P
GAAIAS PLASTIC INFRARED EMITTING DIODES
OP240SL OPTEK-OP240SL Datasheet
92Kb / 2P
GaAIAs Plastic Infrared Emitting Diodes
OP223 OPTEK-OP223 Datasheet
302Kb / 2P
GAAIAS HERMETIC INFRARED EMITTING DIODES
OP266A OPTEK-OP266A Datasheet
323Kb / 2P
GAAIAS PLASTIC INFRARED EMITTING DIODES
OP265A OPTEK-OP265A Datasheet
386Kb / 2P
GaAIAs Plastic Infrared Emitting Diodes
OP266W OPTEK-OP266W Datasheet
374Kb / 2P
GaAIAs Plastic Infrared Emitting Diode
OP268FA OPTEK-OP268FA Datasheet
355Kb / 2P
GaAIAs Plastic Infrared Emitting Diodes
OP269A OPTEK-OP269A Datasheet
281Kb / 2P
GaAIAs Plastic Infrared Emitting Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com