Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOD123-FL Datasheet(PDF) 1 Page - Amkor Technology

Part # SOD123-FL
Description  Bare copper leadframe with no plating
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

SOD123-FL Datasheet(HTML) 1 Page - Amkor Technology

  SOD123-FL Datasheet HTML 1Page - Amkor Technology SOD123-FL Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER DISCRETE
Data Sheet
Questions? Contact us: marketing@amkor.com
Visit Amkor Technology online for locations and
to view the most current product information.
DS614A
Rev Date: 5-14
SOD123-FL
Process Highlights
• Bare copper leadframe with no plating
• Interconnect: Cu clips technology for better electrical and thermal
performance
• Plating: 100% matte Sn
• Marking: Pen type laser
Standard Materials
• Leadframe: Bare copper
• Die attach: Solder paste
• Interconnect: Cu clips
• Mold compound: Halogen free
Reliability Qualification
Amkor devices are assembled with proven reliable semiconductor materials.
All test includes pre-condition of: Ta = 85°C/Rh = 85%, 24 hrs with IR reflow,
Ta = 260°C, 4X
• Temperature & Humidity Storage, Ta = 85°C/Rh = 85%, 2000 hrs
• High Temperature Storage, Ta = 150°C, 2000 hrs
• Pressure Cooker, Ta = 121°C/Rh = 100%/P = 2 atm, 500 hrs
• Temperature Cycle, -45~150°C, 1000 cycles
Test Service
Amkor offers full turnkey business for all power discrete products. We have
the capability to test various type of power devices including MOSFETs,
bipolar transistors, IGBTs, diodes, regulator ICs/intelligent power devices, etc.
• Amkor power discrete test capability:
– Static test (DC)
– Dynamic test (AC, Switching/Trr, Capacitance/Rg)
– Destruction test (Inductive load/VSUS, I Latch, Surge, Isolation/VIL)
– Thermal Resistance (ΔVDS, ΔmV, etc.)
• Program generation/conversion
• Failure analysis
• Available test/handling technology
• Integrated marking, vision inspection and tape & reel services
Introduction
The SOD123-FL package is part of the FLAT series
of compact surface mount packages which allow
communication equipment to be miniaturized. The Cu
clip structure of interconnect features reduces electrical
resistance and enhance thermal performance compared to
wire-bonded products.
This package may also be know as:
• S-FLAT
• SMF
• STmite Flat
• JEDEC: DO-219 AB
Application
The FLAT packages are suitable for the application of
high-efficiency diodes, in small & medium size:
• Schottky Barrier Diodes (SBDs)
• Rectifier Diodes
• Zener Diodes
Features
• Cu connector structure to reduce inductance and
resistance
• Enhance thermal property
• Turnkey with test and packing services
• Green materials: Pb-free plating & halogen-free mold
compound
New Developments
• Larger/higher density leadframe strips
• Environmentally friendly Pb-free solder paste


Similar Part No. - SOD123-FL

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
SOD123-FL-V01 AMKOR-SOD123-FL-V01 Datasheet
573Kb / 2P
The SOD123-FL package is part of the FLAT series of compact surface mount packages which allow communication equipment to be miniaturized.
02/21
More results

Similar Description - SOD123-FL

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
CN-111010 LITEON-CN-111010 Datasheet
34Kb / 2P
Tin Lead Plating Phase Out for Leadframe Products
logo
Amkor Technology
SOD128-FL AMKOR-SOD128-FL Datasheet
445Kb / 2P
Bare copper leadframe with no plating
TSON8-FL AMKOR-TSON8-FL Datasheet
740Kb / 2P
Bare copper leadframe with no plating
logo
List of Unclassifed Man...
1345253 ETC2-1345253 Datasheet
101Kb / 3P
23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1347027 ETC2-1347027 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1300SB ETC2-1300SB Datasheet
109Kb / 3P
24 AWG solid bare copper conductors, polypropylene insulation
logo
Bourns Electronic Solut...
CSM2F-7036 BOURNS-CSM2F-7036_V01 Datasheet
614Kb / 4P
Shunt Resistor with Sense Pins & Bare Copper Terminals
10/22
CSM2F-8518 BOURNS-CSM2F-8518_V01 Datasheet
620Kb / 4P
Shunt Resistor with Sense Pins & Bare Copper Terminals
10/22
CSM2F-8536 BOURNS-CSM2F-8536_V01 Datasheet
621Kb / 4P
Shunt Resistor with Sense Pins & Bare Copper Terminals
10/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com