Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV333IDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV333IDR
Description  CMOS Operational Amplifiers Zero-Drift
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV333IDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV333IDR Datasheet HTML 3Page - Texas Instruments TLV333IDR Datasheet HTML 4Page - Texas Instruments TLV333IDR Datasheet HTML 5Page - Texas Instruments TLV333IDR Datasheet HTML 6Page - Texas Instruments TLV333IDR Datasheet HTML 7Page - Texas Instruments TLV333IDR Datasheet HTML 8Page - Texas Instruments TLV333IDR Datasheet HTML 9Page - Texas Instruments TLV333IDR Datasheet HTML 10Page - Texas Instruments TLV333IDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TLV333, TLV2333, TLV4333
www.ti.com
SBOS751 – DECEMBER 2015
7.4 Thermal Information: TLV333
TLV333
D
DBV
DCK
THERMAL METRIC(1)
UNIT
(SOIC)
(SOT23)
(SC70)
8 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
140.1
220.8
298.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
89.8
97.5
65.4
°C/W
RθJB
Junction-to-board thermal resistance
80.6
61.7
97.1
°C/W
ψJT
Junction-to-top characterization parameter
28.7
7.6
0.8
°C/W
ψJB
Junction-to-board characterization parameter
80.1
61.1
95.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Thermal Information: TLV2333
TLV2333
D
DGK
THERMAL METRIC(1)
UNIT
(SOIC)
(VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
124.0
180.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
73.7
48.1
°C/W
RθJB
Junction-to-board thermal resistance
64.4
100.9
°C/W
ψJT
Junction-to-top characterization parameter
18.0
2.4
°C/W
ψJB
Junction-to-board characterization parameter
63.9
99.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.6 Thermal Information: TLV4333
TLV4333
D
PW
THERMAL METRIC(1)
UNIT
(SOIC)
(TSSOP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
83.8
120.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
70.7
34.3
°C/W
RθJB
Junction-to-board thermal resistance
59.5
62.8
°C/W
ψJT
Junction-to-top characterization parameter
11.6
1.0
°C/W
ψJB
Junction-to-board characterization parameter
37.7
56.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV333 TLV2333 TLV4333


Similar Part No. - TLV333IDR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TLV333IDBVR-TP TECHPUBLIC-TLV333IDBVR-TP Datasheet
3Mb / 6P
   Micro Power CMOS Operational Amplifier Zero Drift
More results

Similar Description - TLV333IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
   Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com